Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD72862 Datasheet(PDF) 10 Page - NEC

No. de pieza UPD72862
Descripción Electrónicos  IEEE1394 OHCI HOST CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD72862 Datasheet(HTML) 10 Page - NEC

Back Button UPD72862 Datasheet HTML 6Page - NEC UPD72862 Datasheet HTML 7Page - NEC UPD72862 Datasheet HTML 8Page - NEC UPD72862 Datasheet HTML 9Page - NEC UPD72862 Datasheet HTML 10Page - NEC UPD72862 Datasheet HTML 11Page - NEC UPD72862 Datasheet HTML 12Page - NEC UPD72862 Datasheet HTML 13Page - NEC UPD72862 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Data Sheet S14265EJ2V0DS00
10
µµµµPD72862
1.3 PHY/Link Interface Signals: (15 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
D0-D7
I/O
59-62,
64-67
9mA
3.3
PHY/Link Bi-directional Data (ISO-barrier supported)
CTL0,CTL1
I/O
69, 70
9mA
3.3
PHY/Link Bi-directional Control (ISO-barrier supported)
LREQ
O
73
9mA
3.3
PHY/Link Request (ISO-barrier supported)
LINKON
I
77
-
3.3
Link-On Request (ISO-barrier supported)
LPS
O
74
9mA
3.3
Link Power Status (ISO-barrier supported)
SCLK
I
72
-
3.3
PHY Clock 49.152 MHz (ISO-barrier supported)
DIRECT
I
68
-
3.3
Auxiliary PHY/Link Signal is used to determine whether the
interconnection between Link and PHY has isolation (‘low’: ISO-
barrier; ‘high’: no ISO-barrier).
1.4 Serial ROM Interface Signals: (3 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
GROM_SDA
I/O
55
6mA
3.3
Serial EEPROM Data Input / Output
GROM_SCL
O
56
6mA
3.3
Serial EEPROM Clock Output
GROM_EN
I
57
-
3.3
Serial EEPROM Enable (‘high’: GUID Load enabled; ‘low’: GUID
Load disabled)
1.5 Miscellaneous Signal: (1 pin)
Name
I/O
Pin No.
IOL
Volts(V)
Function
PIN_EN
I
43
-
5/3.3
Pin Enable Input (High clamped)
1.6 IC: (3 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
IC(H)
I
44
-
3.3
Internally Connected (High clamped)
IC(L)
I
46, 47
-
3.3
Internally Connected (Low clamped)
1.7 NC: (5 pins)
Name
I/O
Pin No.
IOL
Volts(V)
Function
NC
-
48, 49,
52, 53,
58
--
Non- Connection (Open)
Leave them unconnected.
1.8 VDD: (8 pins)
VDD (5 V PCI or 3.3 V PCI) for PCI I/Os: 11, 37, 92
VDD 3 V for digital core & PHY/Link I/Os: 1, 25, 51, 75, 97
1.9 VSS: (11 pins)
VSS : 6, 19, 26, 31, 38, 50, 63, 71, 76, 85, 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com