Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD72862 Datasheet(PDF) 32 Page - NEC

No. de pieza UPD72862
Descripción Electrónicos  IEEE1394 OHCI HOST CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD72862 Datasheet(HTML) 32 Page - NEC

Back Button UPD72862 Datasheet HTML 28Page - NEC UPD72862 Datasheet HTML 29Page - NEC UPD72862 Datasheet HTML 30Page - NEC UPD72862 Datasheet HTML 31Page - NEC UPD72862 Datasheet HTML 32Page - NEC UPD72862 Datasheet HTML 33Page - NEC UPD72862 Datasheet HTML 34Page - NEC UPD72862 Datasheet HTML 35Page - NEC UPD72862 Datasheet HTML 36Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet S14265EJ2V0DS00
32
µµµµPD72862
7. RECOMMENDED SOLDERING CONDITIONS
The
µPD72850A should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Table 7-1. Surface Mounting Type Soldering Conditions
µµµµPD72862GC-9EU : 100-pin plastic TQFP (Fine pitch) (14 x 14)
Soldering
Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 sec. Max. (at 210°C or higher).
Count: three times or less
Exposure limit: 3 daysNote (after that prebake at 125°C for 10 hours)
IR35-103-3
VPS
Package peak temperature: 215°C, Time: 40 sec. Max. (at 200°C or higher).
Count: three times or less
Exposure limit: 3 daysNote (after that prebake at 125°C for 10 hours)
VP15-103-3
Partial heating
Pin temperature: 300°C Max., Time: 3 sec. Max. (per pin row)
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com