Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD72862 Datasheet(PDF) 8 Page - NEC

No. de pieza UPD72862
Descripción Electrónicos  IEEE1394 OHCI HOST CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD72862 Datasheet(HTML) 8 Page - NEC

Back Button UPD72862 Datasheet HTML 4Page - NEC UPD72862 Datasheet HTML 5Page - NEC UPD72862 Datasheet HTML 6Page - NEC UPD72862 Datasheet HTML 7Page - NEC UPD72862 Datasheet HTML 8Page - NEC UPD72862 Datasheet HTML 9Page - NEC UPD72862 Datasheet HTML 10Page - NEC UPD72862 Datasheet HTML 11Page - NEC UPD72862 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Data Sheet S14265EJ2V0DS00
8
µµµµPD72862
1. PIN FUNCTIONS
1.1 PCI Bus Interface Signals: (52 pins)
(1/2)
Name
I/O
Pin No.
IOL
Volts(V)
Function
PAR
I/O
18
PCI/Cardbus
5/3.3
Parity is even parity across AD0-AD31 and CBE0-CBE3. It is an
input when AD0-AD31 is an input; it is an output when AD0-AD31 is
an output.
AD0-AD31
I/O
2-5, 7, 8,
21-24,
27-30,
33-36,
39-42,
86-91,
93, 94,
98, 99
PCI/Cardbus
5/3.3
PCI Multiplexed Address and Data
CBE0-CBE3
I
9, 20,
32, 95
-
5/3.3
Command/Byte Enables are multiplexed Bus Commands & Byte
enables.
FRAME
I/O
10
PCI/Cardbus
5/3.3
Cycle Frame is asserted by the initiator to indicate the cycle
beginning and is kept asserted during the burst cycle.
If Cardbus mode (CARD_ON = 1), this pin is should be pulled up to
VDD.
TRDY
I/O
13
PCI/Cardbus
5/3.3
Target Ready indicates that the current data phase of the
transaction is ready to be completed.
IRDY
I/O
12
PCI/Cardbus
5/3.3
Initiator Ready indicates that the current bus master is ready to
complete the current data phase. During a write, its assertion
indicates that the initiator is driving valid data onto the data bus.
During a read, its assertion indicates that the initiator is ready to
accept data from the currently-addressed target.
REQ
O
84
PCI/Cardbus
5/3.3
Bus_master Request indicates to the bus arbiter that this device
wants to become a bus master.
GNT
I
83
-
5/3.3
Bus_master Grant indicates to this device that access to the bus
has been granted.
IDSEL
I
96
-
5/3.3
ID Select when actively driven, indicates that the IUHC is chip-
selected for configuration read/write transaction during the phase of
device initialization.
If Cardbus mode (CARD_ON = 1), this pin is should be pulled up to
VDD.
DEVSEL
I/O
14
PCI/Cardbus
5/3.3
Device Select when actively driven, indicates that the driving device
has decoded its address as the target of the current access.
STOP
I/O
15
PCI/Cardbus
5/3.3
PCI Stop when actively driven, indicates that the target is
requesting the current bus master to stop the transaction.
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com