Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NRH3012T-R0NN Datasheet(PDF) 12 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza NRH3012T-R0NN
Descripción Electrónicos  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Datasheet(HTML) 12 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_pack_e-E02R01
SMD POWER INDUCTORS (NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
■PACKAGING
①Minimum Quantity
Type
Standard Quantity [pcs]
Tape & Reel
NRV2010
2500
NRS2012
NRV2012
2500
NRH2410
2500
NRH2412
2500
NR 3010
NRH3010
2000
NR 3012
NRH3012
NRV3012
2000
NR 3015
NRS3015
2000
NR 4010
NRS4010
5000
NR 4012
NRS4012
4500
NR 4018
NRS4018
3500
Type
Standard Quantity [pcs]
Tape & Reel
NRS5010
1000
NRS5012
1000
NRS5014
1000
NRS5020
800
NRS5024
2500
NRS5030
500
NR 5040
NRS5040
1500
NRS6010
1000
NR 6012
NRS6012
1000
NRS6014
1000
NR 6020
NRS6020
2500
NR 6028
NRS6028
2000
NR 6045
NRS6045
1500
NRS8030
1000
NR 8040
NRS8040
1000
②Tape Material
●Embossed Tape
Top tape
Base tape
Sprocket hole
Chip cavity
Chip
Chip Filled
③Taping dimensions
●Embossed tape 8mm wide (0.315 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
NRV2010
2.2±0.1
(0.102±0.004)
2.2±0.1
(0.102±0.004)
4.0±0.1
(0.157±0.004)
0.25±0.05
(0.009±0.002)
1.3±0.1
(0.051±0.004)
NRS2012
NRV2012
NRH2410
2.6±0.1
(0.087±0.004)
2.6±0.1
(0.102±0.004)
0.25±0.05
(0.009±0.002)
1.3±0.1
(0.051±0.004)
NRH2412
NR 3010
NRH3010
3.2±0.1
(0.126±0.004)
3.2±0.1
(0.126±0.004)
0.3±0.05
(0.012±0.002)
1.4±0.1
(0.055±0.004)
NR 3012
NRH3012
NRV3012
1.6±0.1
(0.063±0.004)
1.9±0.1
(0.075±0.004)
NR 3015
NRS3015
Unit:mm(inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com