Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NRH3012T-R0NN Datasheet(PDF) 22 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza NRH3012T-R0NN
Descripción Electrónicos  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Datasheet(HTML) 22 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/)
i_smd_NR_NS_prec_e-E02R01
6. Handling
Precautions
◆Handling
1. Keep the product away from all magnets and magnetic objects.
◆Breakaway PC boards (splitting along perforations)
1. When splitting the PC board after mounting product, care should be taken not to give any stresses of deflection or twisting to the board.
2. Board separation should not be done manually, but by using the appropriate devices.
◆Mechanical considerations
1. Please do not give the product any excessive mechanical shocks.
2. Please do not add any shock and power to a product in transportation.
◆Pick-up pressure
1. Please do not push to add any pressure to a winding part. Please do not give any shock and push into a ferrite core exposure part.
◆Packing
1. Please avoid accumulation of a packing box as much as possible.
Technical
considerations
◆Handling
1. There is a case that a characteristic varies with magnetic influence.
◆Breakaway PC boards (splitting along perforations)
1. The position of the product on PCBs shall be carefully considered to minimize the stress caused from splitting of the PCBs.
◆Mechanical considerations
1. There is a case to be damaged by a mechanical shock.
2. There is a case to be broken by the handling in transportation.
◆Pick-up pressure
1. Damage and a characteristic can vary with an excessive shock or stress.
◆Packing
1. If packing boxes are accumulated, that could cause a deformation on packing tapes or a damage on the products.
7. Storage conditions
Precautions
◆Storage
1. To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and humidity in the
storage area should be controlled.
・ Recommended conditions
Ambient temperature : -5~40℃
Humidity : Below 70% RH
・ The ambient temperature must be kept below 30℃. Even under ideal storage conditions, solderability of products electrodes may
decrease as time passes.
For this reason, product should be used within 6 months from the time of delivery.
In case of storage over 6 months, solderability shall be checked before actual usage.
Technical
considerations
◆Storage
1. Under a high temperature and humidity environment, problems such as reduced solderability caused by oxidation of terminal electrodes
and deterioration of taping/packaging materials may take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com