Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NRH3012T-R0NN Datasheet(PDF) 16 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza NRH3012T-R0NN
Descripción Electrónicos  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Datasheet(HTML) 16 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_NS_reli_e-E02R01
SMD inductor (NR□, NS series)
■RELIABILITY DATA
1. Operating Temperature Range
Specified Value
NR30/40/50/60/80, NRS20, NRV20/30,
NRH24/30 Type
-25~+120℃
NRS40/50/60/80 Type
-25~+125℃
NR10050 Type
-25~+105℃
NS101, NS125 Type
-40~+125℃
Test Methods and
Remarks
Including self-generated heat
2. Storage Temperature Range
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
-40~+85℃
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type:
-5 to 40℃ for the product with taping.
3. Rated current
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Within the specified tolerance
NR10050 Type
NS101, NS125 Type
4. Inductance
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Within the specified tolerance
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
Measuring equipment
: LCR Meter (HP 4285A or equivalent)
Measuring frequency
: Specified frequency
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type
:
Measuring equipment
: LCR Meter (HP 4285A or equivalent)
Measuring frequency
: 100kHz, 1V
NR10050 Type :
Measuring equipment
: LCR Meter (HP 4263A or equivalent)
Measuring frequency
: 100kHz, 1V
5. DC Resistance
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Within the specified tolerance
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
Measuring equipment
: DC ohmmeter (HIOKI 3227 or equivalent)
6. Self resonance frequency
Specified Value
NR30/40/50/60/80, NRV30, NRH24/30,
NRS40/50/60/80 Type
Within the specified tolerance
NR10050 Type
NS101, NS125 Type
-
Test Methods and
Remarks
NR30/40/50/60/80, NRV30, NRH24/30, NRS40/50/60/80 Type, NR10050 Type :
Measuring equipment
: Impedance analyzer/material analyzer(HP4291A or equivalent HP4191A, 4192A or equivalent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com