Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NRH3012T-R0NN Datasheet(PDF) 19 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza NRH3012T-R0NN
Descripción Electrónicos  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN Datasheet(HTML) 19 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_NS_reli_e-E02R01
15. Resistance to soldering heat
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type :
The test sample shall be exposed to reflow oven at 230±5℃ for 40 seconds, with peak temperature at 260±5℃ for 5 seconds, 2 times.
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80Type, NS101/125 Type
Test board material
: glass epoxy-resin
Test board thickness
: 1.0mm
NR10050 Type
Test board material
: glass epoxy-resin
Test board thickness
: 1.6mm
16. Thermal shock
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow. The test samples shall be placed at specified temperature for specified
time by step 1 to step 4 as shown in below table in sequence. The temperature cycle shall be repeated 100 cycles.
Conditions of 1 cycle
Step
Temperature (℃)
Duration (min)
1
-40±3
30±3
2
Room temperature
Within 3
3
+85±2
30±3
4
Room temperature
Within 3
17. Damp heat
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
-
NS101, NS125 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow.
The test samples shall be placed in thermostatic oven set at specified temperature and humidity as shown in below table.
Temperature
60±2℃
Humidity
90~95%RH
Time
500+24/-0 hour
18. Loading under damp heat
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow.
The test samples shall be placed in thermostatic oven set at specified temperature and humidity and applied the rated current
continuously as shown in below table.
Temperature
60±2℃
Humidity
90~95%RH
Applied current
Rated current
Time
500+24/-0 hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com