Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F110MF Datasheet(PDF) 30 Page - Renesas Technology Corp

No. de pieza R5F110MF
Descripción Electrónicos  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 26Page - Renesas Technology Corp R5F110MF Datasheet HTML 27Page - Renesas Technology Corp R5F110MF Datasheet HTML 28Page - Renesas Technology Corp R5F110MF Datasheet HTML 29Page - Renesas Technology Corp R5F110MF Datasheet HTML 30Page - Renesas Technology Corp R5F110MF Datasheet HTML 31Page - Renesas Technology Corp R5F110MF Datasheet HTML 32Page - Renesas Technology Corp R5F110MF Datasheet HTML 33Page - Renesas Technology Corp R5F110MF Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 30 of 149
Feb 21, 2014
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P60, P61, P70 to P77, P80 to P83,
P125 to P127, P137,
P140 to P143, RESET
VI = VDD
1
A
ILIH2
P20, P21, P140 to P143
VI = VDD
1
A
ILIH3
P121 to P124 (X1, X2, EXCLK, XT1,
XT2, EXCLKS)
VI = VDD In input port or
external clock input
1
A
In resonator
connection
10
A
ILIH4
P150 to P156
VI = AVDD
1
A
Input leakage
current, low
ILIL1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P60, P61, P70 to P77, P80 to P83,
P125 to P127, P137,
P140 to P143, RESET
VI = VSS
-1
A
ILIL2
P20, P21, P140 to P143
VI = VSS
-1
A
ILIL3
P121 to P124 (X1, X2, EXCLK, XT1,
XT2, EXCLKS)
VI = VSS
In input port or
external clock input
-1
A
In resonator
connection
-10
A
ILIL4
P150 to P156
VI = AVSS
-1
A
On-chip pull-up
resistance
RU1
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P50 to P57, P70 to P77,
P140 to P143, P125 to P127
VI = VSS
2.4 V
VDD 3.6 V
10
20
100
k
1.6 V
VDD 2.4 V
10
30
100
RU2
P40 to P46, P80 to P83
VI = VSS
10
20
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com