Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F110MF Datasheet(PDF) 24 Page - Renesas Technology Corp

No. de pieza R5F110MF
Descripción Electrónicos  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 20Page - Renesas Technology Corp R5F110MF Datasheet HTML 21Page - Renesas Technology Corp R5F110MF Datasheet HTML 22Page - Renesas Technology Corp R5F110MF Datasheet HTML 23Page - Renesas Technology Corp R5F110MF Datasheet HTML 24Page - Renesas Technology Corp R5F110MF Datasheet HTML 25Page - Renesas Technology Corp R5F110MF Datasheet HTML 26Page - Renesas Technology Corp R5F110MF Datasheet HTML 27Page - Renesas Technology Corp R5F110MF Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 24 of 149
Feb 21, 2014
2.2
Oscillator Characteristics
2.2.1
X1 and XT1 oscillator characteristics
Note
Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1 clock
oscillation stabilization time using the oscillation stabilization time counter status register (OSTC) by the user.
Determine the oscillation stabilization time of the OSTC register and the oscillation stabilization time select
register (OSTS) after sufficiently evaluating the oscillation stabilization time with the resonator to be used.
Remark
When using the X1 and XT1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/L1C User’s Manual.
(TA = -40 to +85 °C, 1.6 V
 VDD  3.6 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation frequency (fX)
Note
Ceramic resonator/crystal resonator
2.7 V
VDD 3.6 V
1.0
20.0
MHz
2.4 V
VDD < 2.7 V
1.0
16.0
1.8 V
VDD < 2.4 V
1.0
8.0
1.6 V
VDD < 1.8 V
1.0
4.0
XT1 clock oscillation frequency
(fXT) Note
Crystal resonator
32
32.768
35
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com