Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F110MF Datasheet(PDF) 16 Page - Renesas Technology Corp

No. de pieza R5F110MF
Descripción Electrónicos  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 12Page - Renesas Technology Corp R5F110MF Datasheet HTML 13Page - Renesas Technology Corp R5F110MF Datasheet HTML 14Page - Renesas Technology Corp R5F110MF Datasheet HTML 15Page - Renesas Technology Corp R5F110MF Datasheet HTML 16Page - Renesas Technology Corp R5F110MF Datasheet HTML 17Page - Renesas Technology Corp R5F110MF Datasheet HTML 18Page - Renesas Technology Corp R5F110MF Datasheet HTML 19Page - Renesas Technology Corp R5F110MF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 16 of 149
Feb 21, 2014
1.6
Outline of Functions
Note 1.
In the case of the 16 KB, this is about 15 KB when the self-programming function and data flash function are used.
Note 2.
In the PLL clock 48 MHz operation, the system clock is 2/4/8 dividing ratio.
Note 3.
The number of outputs varies, depending on the setting of channels in use and the number of the master.
[80/85-pin, 100-pin products (with USB)]
(1/2)
Item
80/85-pin
100-pin
R5F110Mx/R5F110Nx (x = E to H, J)
R5F110Px (x = E to H, J)
Code flash memory (KB)
64 to 256
64 to 256
Data flash memory (KB)
8
8
RAM (KB)
8 to 16 Note 1
8 to 16 Note 1
Memory space
1 MB
Main system clock
High-speed system clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
1 to 20 MHz: VDD = 2.7 to 3.6 V, 1 to 8 MHz: VDD = 1.8 to 2.7 V, 1 to 4 MHz: VDD = 1.6 to 1.8 V
High-speed on-chip
oscillator clock
HS (high-speed main) operation mode: 1 to 24 MHz (VDD = 2.7 to 3.6 V),
HS (high-speed main) operation mode: 1 to 16 MHz (VDD = 2.4 to 3.6 V),
LS (low-speed main) operation mode: 1 to 8 MHz (VDD = 1.8 to 3.6 V),
LV (low-voltage main) operation mode: 1 to 4 MHz (VDD = 1.6 to 3.6 V)
PLL clock
6, 12, 24 MHz Note 2: VDD = 2.4 to 3.6 V
Subsystem clock
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz (TYP.): VDD = 1.6 to 3.6 V
Low-speed on-chip oscillator clock
15 kHz (TYP.): VDD = 1.6 to 3.6 V
General-purpose register
8 bits
 32 registers (8 bits  8 registers  4 banks)
Minimum instruction execution time
0.04167
s (High-speed on-chip oscillator clock: fHOCO = fIH = 24 MHz operation)
0.04167
s (PLL clock: fPLL = 48 MHz/fIH = 24 MHz Note 2 operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
30.5
s (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits
 8 bits, 16 bits  16 bits), Division (16 bits  16 bits, 32 bits  32 bits)
• Multiplication and Accumulation (16 bits
 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
59
77
CMOS I/O
51
69
CMOS input
55
CMOS output
11
N-ch open-drain I/O
(6 V tolerance)
22
Timer
16-bit timer TAU
8 channels (with 1 channel remote control output function) (Timer outputs: 8, PWM outputs: 7 Note 3)
16-bit timer KB2
3 channels (PWM outputs: 6)
Watchdog timer
1 channel
12-bit interval timer
1 channel
Real-time clock 2
1 channel
RTC output
1
1 Hz (subsystem clock: fSUB = 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com