Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F110MF Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza R5F110MF
Descripción Electrónicos  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 75Page - Renesas Technology Corp R5F110MF Datasheet HTML 76Page - Renesas Technology Corp R5F110MF Datasheet HTML 77Page - Renesas Technology Corp R5F110MF Datasheet HTML 78Page - Renesas Technology Corp R5F110MF Datasheet HTML 79Page - Renesas Technology Corp R5F110MF Datasheet HTML 80Page - Renesas Technology Corp R5F110MF Datasheet HTML 81Page - Renesas Technology Corp R5F110MF Datasheet HTML 82Page - Renesas Technology Corp R5F110MF Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 79 of 149
Feb 21, 2014
2.6.6
LVD circuit characteristics
Caution
Set the detection voltage (VLVD) to be within the operating voltage range. The operating voltage range depends
on the setting of the user option byte (000C2H/010C2H). The following shows the operating voltage range.
HS (high-speed main) mode: VDD = 2.7 to 3.6 V at 1 MHz to 24 MHz
VDD = 2.4 to 3.6 V at 1 MHz to 16 MHz
LS (low-speed main) mode:
VDD = 1.8 to 3.6 V at 1 MHz to 8 MHz
LV (low-voltage main) mode: VDD = 1.6 to 3.6 V at 1 MHz to 4 MHz
(TA = -40 to +85 °C, VPDR VDD 3.6 V VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVD2
Power supply rise time
3.07
3.13
3.19
V
Power supply fall time
3.00
3.06
3.12
V
VLVD3
Power supply rise time
2.96
3.02
3.08
V
Power supply fall time
2.90
2.96
3.02
V
VLVD4
Power supply rise time
2.86
2.92
2.97
V
Power supply fall time
2.80
2.86
2.91
V
VLVD5
Power supply rise time
2.76
2.81
2.87
V
Power supply fall time
2.70
2.75
2.81
V
VLVD6
Power supply rise time
2.66
2.71
2.76
V
Power supply fall time
2.60
2.65
2.70
V
VLVD7
Power supply rise time
2.56
2.61
2.66
V
Power supply fall time
2.50
2.55
2.60
V
VLVD8
Power supply rise time
2.45
2.50
2.55
V
Power supply fall time
2.40
2.45
2.50
V
VLVD9
Power supply rise time
2.05
2.09
2.13
V
Power supply fall time
2.00
2.04
2.08
V
VLVD10
Power supply rise time
1.94
1.98
2.02
V
Power supply fall time
1.90
1.94
1.98
V
VLVD11
Power supply rise time
1.84
1.88
1.91
V
Power supply fall time
1.80
1.84
1.87
V
VLVD12
Power supply rise time
1.74
1.77
1.81
V
Power supply fall time
1.70
1.73
1.77
V
VLVD13
Power supply rise time
1.64
1.67
1.70
V
Power supply fall time
1.60
1.63
1.66
V
Minimum pulse width
tLW
300
s
Detection delay time
300
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com