Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COM0A1 Datasheet(PDF) 4 Page - ATMEL Corporation

No. de pieza COM0A1
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM0A1 Datasheet(HTML) 4 Page - ATMEL Corporation

  COM0A1 Datasheet HTML 1Page - ATMEL Corporation COM0A1 Datasheet HTML 2Page - ATMEL Corporation COM0A1 Datasheet HTML 3Page - ATMEL Corporation COM0A1 Datasheet HTML 4Page - ATMEL Corporation COM0A1 Datasheet HTML 5Page - ATMEL Corporation COM0A1 Datasheet HTML 6Page - ATMEL Corporation COM0A1 Datasheet HTML 7Page - ATMEL Corporation COM0A1 Datasheet HTML 8Page - ATMEL Corporation COM0A1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 294 page
background image
4
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.1
System Block Diagram
The system block diagram for a stand alone reader application is shown in Figure 1-1. No
additional microcontroller is required..
Figure 1-1.
System Block Diagram - Stand Alone Reader
A system block diagram for a reader station application with a LIN transceiver IC is shown in
Figure 1-2. The reader is then communicating with a central unit.
Figure 1-2.
System Block Diagram - Reader with LIN Connection
All Atmel
® LF-RFID tag ICs can be read by the ATA5505: e5530, TK5530, e5551, T5551,
TK5551, e5552, TK5552, e5554, T5555, Q5, T5557, ATA5567, ATA5558, T5561, TK5561,
ATA5577, ATA5575.
1.2
Block Diagram
In Figure 1-3 on page 5 the basic architecture of the Atmel ATA5505 consisting of the Atmel
AVR and the front end is shown. The Atmel AVR is a low-power CMOS 8-bit microcontroller
with RISC architecture. The Atmel AVR includes several features. The main features are
in-system programmable Flash, EEPROM, SRAM, Ports A and B as general purpose I/O
lines, a timer and a LIN controller. The details of the front end are shown in Figure 1-4 on page
5.
NF
Read Channel
Frontend
MCU
Core
Immobilizer
Stack
SPI
T/ATA5551
ATA5557/67
ATA5577
ATA5558
ATA5575
Q5
Successor
Osc
Atmel ATA5505
NF
Read Channel
MCU
Core
Immobilizer
Stack
LIN
UART
LIN
TRx
Central
Unit
T/ATA5551
ATA5557/67
ATA5577
ATA5558
ATA5575
Q5
Successor
Osc
Atmel ATA5505
Reader
Frontend