Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COM0A1 Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza COM0A1
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM0A1 Datasheet(HTML) 2 Page - ATMEL Corporation

  COM0A1 Datasheet HTML 1Page - ATMEL Corporation COM0A1 Datasheet HTML 2Page - ATMEL Corporation COM0A1 Datasheet HTML 3Page - ATMEL Corporation COM0A1 Datasheet HTML 4Page - ATMEL Corporation COM0A1 Datasheet HTML 5Page - ATMEL Corporation COM0A1 Datasheet HTML 6Page - ATMEL Corporation COM0A1 Datasheet HTML 7Page - ATMEL Corporation COM0A1 Datasheet HTML 8Page - ATMEL Corporation COM0A1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 294 page
background image
2
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• Special Microcontroller Features
– Dynamic Clock Switching (External/Internal RC/Watchdog Clock) for Power Control, EMC Reduction
– DebugWIRE On-chip Debug (OCD) System
– Hardware In-System Programmable (ISP) via SPI Port
– External and Internal Interrupt Sources
– Interrupt and Wake-up on Pin Change
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated RC Oscillator 8MHz
– 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
• Operating Voltage:
– 7 to 16V
– 4.5 to 5.5V Internal Voltage Regulator available for Digital and Logic
• Operating Temperature: –40°C to +85°C
Applications
• Access Control Units
• Animal Identification
• Component Authetication
• Brand Protection
• Automation
• Industrial
• Waste Management
• Process Control