| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COM0A1 Datasheet(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
COM0A1 Datasheet(HTML) 25 Page - ATMEL Corporation |
|
25 / 294 page ![]() 25 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] Keep the Atmel® AVR® RESET active (low) during periods of insufficient power supply volt- age. This can be done by enabling the internal Brown-out Detector (BOD). If the detection level of the internal BOD does not match the needed detection level, an external low V CC reset protection circuit can be used. If a reset occurs while a write operation is in progress, the write operation will be completed provided that the power supply voltage is sufficient. 3.4 I/O Memory The I/O space definition of the Atmel AVR is shown in Section 26. “Register Summary” on page 282. All Atmel AVR I/Os and peripherals are placed in the I/O space. All I/O locations may be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32 general purpose working registers and the I/O space. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the instruction set section for more details. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The Atmel AVR is a complex microcontroller with more peripheral units than can be supported within the 64 loca- tion reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other Atmel AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only. The I/O and Peripherals Control Registers are explained in later sections. 3.4.1 General Purpose I/O Registers The Atmel AVR contains three General Purpose I/O Registers. These registers can be used for storing any information, and they are particularly useful for storing global variables and Sta- tus Flags. The General Purpose I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI, CBI, SBIS, and SBIC instructions. 3.5 Register Description 3.5.1 EEARH and EEARL – EEPROM Address Register Bit 7 6 543210 -- ----- EEAR8 EEARH EEAR7 EEAR6 EEAR5 EEAR4 EEAR3 EEAR2 EEAR1 EEAR0 EEARL Bit 7 6 543210 Read/Write RRRRRRR R/W Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 0 0 00000 X Initial Value XXXXX XXX |