Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COM0A1 Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza COM0A1
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM0A1 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button COM0A1 Datasheet HTML 5Page - ATMEL Corporation COM0A1 Datasheet HTML 6Page - ATMEL Corporation COM0A1 Datasheet HTML 7Page - ATMEL Corporation COM0A1 Datasheet HTML 8Page - ATMEL Corporation COM0A1 Datasheet HTML 9Page - ATMEL Corporation COM0A1 Datasheet HTML 10Page - ATMEL Corporation COM0A1 Datasheet HTML 11Page - ATMEL Corporation COM0A1 Datasheet HTML 12Page - ATMEL Corporation COM0A1 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 294 page
background image
9
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.4.1
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port A output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port A pins that are externally pulled low will source current if the
pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes
active, even if the clock is not running. Port A also serves the functions of various special fea-
tures of the microcontroller.
1.4.2
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit).
The Port B output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port B pins that are pulled low externally will source current if the
pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes
active, even if the clock is not running. Port B also serves the functions of various special fea-
tures of the microcontroller.
1.4.3
RESET
Device reset
1.4.4
XTAL1 and XTAL2
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier which can be
configured for use as an On-chip oscillator. Either a quartz crystal or a ceramic resonator may
be used.
1.5
Atmel AVR Description
The microcontroller is a low-power CMOS 8-bit microcontroller based on the Atmel
® AVR®
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
microcontroller achieves throughputs approaching 1MIPS per MHz, allowing the system
designer to optimize power consumption versus processing speed.
The Atmel AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two
independent registers to be accessed in a single instruction executed in one clock cycle. The
resulting architecture is more code-efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The microcontroller provides the following features: 16K byte of in-system programmable
Flash, 512bytes EEPROM, 512bytes SRAM, 16 general purpose I/O lines, 32 general purpose
working registers, one 8-bit timer/counter with compare modes, one 8-bit high speed
timer/counter, a universal serial interface, a LIN controller, internal and external interrupts, an
11-channel, 10-bit ADC, a programmable watchdog timer with internal oscillator, and three
software selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, timer/counter, ADC, analog comparator, and interrupt system to continue functioning.
Power-down mode saves the register contents, disabling all chip functions until the next inter-
rupt or hardware reset. To minimize switching noise during ADC conversions, ADC noise
reduction mode stops the CPU and all I/O modules except ADC.