Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5433 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG5433
Descripción Electrónicos  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5433 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG5433 Datasheet HTML 6Page - Analog Devices ADG5433 Datasheet HTML 7Page - Analog Devices ADG5433 Datasheet HTML 8Page - Analog Devices ADG5433 Datasheet HTML 9Page - Analog Devices ADG5433 Datasheet HTML 10Page - Analog Devices ADG5433 Datasheet HTML 11Page - Analog Devices ADG5433 Datasheet HTML 12Page - Analog Devices ADG5433 Datasheet HTML 13Page - Analog Devices ADG5433 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADG5433/ADG5434
Data Sheet
Rev. B | Page 10 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1A
D1
S1B
S2A
D2
S2B
VDD
IN1
EN
VSS
S3A
IN2
IN3
D3
S3B
GND
ADG5433
TOP VIEW
(Not to Scale)
Figure 3. ADG5433 TSSOP Pin Configuration
1
D1
2
S1B
3
S2B
4
D2
11 VSS
12 EN
10 S3B
9
D3
NOTES
1. EXPOSED PAD IS TIED TO SUBSTRATE, VSS.
TOP VIEW
(Not to Scale)
ADG5433
Figure 4. ADG5433 LFCSP_WQ Pin Configuration
Table 8. ADG5433 Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP_WQ
1
15
VDD
Most Positive Power Supply Potential.
2
16
S1A
Source Terminal 1A. This pin can be an input or an output.
3
1
D1
Drain Terminal 1. This pin can be an input or an output.
4
2
S1B
Source Terminal 1B. This pin can be an input or an output.
5
3
S2B
Source Terminal 2B. This pin can be an input or an output.
6
4
D2
Drain Terminal 2. This pin can be an input or an output.
7
5
S2A
Source Terminal 2A. This pin can be an input or an output.
8
6
IN2
Logic Control Input 2.
9
7
IN3
Logic Control Input 3.
10
8
S3A
Source Terminal 3A. This pin can be an input or an output.
11
9
D3
Drain Terminal 3. This pin can be an input or an output.
12
10
S3B
Source Terminal 3B. This pin can be an input or an output.
13
11
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to
ground.
14
12
EN
Active Low Digital Input. When high, the device is disabled and all switches are off. When low, INx
logic inputs determine the on switches.
15
13
IN1
Logic Control Input 1.
16
14
GND
Ground (0 V) Reference.
EP
Exposed
Pad
The exposed pad is connected internally. For increased reliability of the solder joints and maximum
thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
Table 9. ADG5433 Truth Table
EN
INx
SxA
SxB
1
X
Off
Off
0
0
Off
On
0
1
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com