Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5433 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG5433
Descripción Electrónicos  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5433 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5433 Datasheet HTML 2Page - Analog Devices ADG5433 Datasheet HTML 3Page - Analog Devices ADG5433 Datasheet HTML 4Page - Analog Devices ADG5433 Datasheet HTML 5Page - Analog Devices ADG5433 Datasheet HTML 6Page - Analog Devices ADG5433 Datasheet HTML 7Page - Analog Devices ADG5433 Datasheet HTML 8Page - Analog Devices ADG5433 Datasheet HTML 9Page - Analog Devices ADG5433 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADG5433/ADG5434
Data Sheet
Rev. B | Page 6 of 24
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Break-Before-Make Time Delay, tD
106
ns typ
RL = 300 Ω, CL = 35 pF
54
ns min
VS1 = VS2 = 8 V; see Figure 33
Charge Injection, QINJ
60
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see
Figure 35
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 28
Channel-to-Channel Crosstalk
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 27
Total Harmonic Distortion + Noise
0.1
% typ
RL = 1 kΩ, 6 V p-p, f = 20 Hz to
20 kHz; see Figure 30
−3 dB Bandwidth
150
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 31
Insertion Loss
−0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 31
CS (Off)
18
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
28
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
54
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
µA typ
Digital inputs = 0 V or VDD
50
65
µA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1
Guaranteed by design; not subject to production test.
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
14.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see
Figure 26
16
19
23
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.3
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.8
1.3
1.4
Ω max
On-Resistance Flatness, RFLAT (ON)
3.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA
4.3
5.5
6.5
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see
Figure 29
±0.25
±1
±7
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see
Figure 29
±0.4
±4
±30
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/30 V; see Figure 25
±0.4
±4
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
6
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com