Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5433 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADG5433
Descripción Electrónicos  High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5433 Datasheet(HTML) 1 Page - Analog Devices

  ADG5433 Datasheet HTML 1Page - Analog Devices ADG5433 Datasheet HTML 2Page - Analog Devices ADG5433 Datasheet HTML 3Page - Analog Devices ADG5433 Datasheet HTML 4Page - Analog Devices ADG5433 Datasheet HTML 5Page - Analog Devices ADG5433 Datasheet HTML 6Page - Analog Devices ADG5433 Datasheet HTML 7Page - Analog Devices ADG5433 Datasheet HTML 8Page - Analog Devices ADG5433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Voltage Latch-Up Proof,
Triple/Quad SPDT Switches
Data Sheet
ADG5433/ADG5434
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Latch-up proof
Human body model (HBM) ESD rating: 8 kV
Low on resistance (13.5 Ω)
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
48 V supply maximum ratings
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
VSS to VDD analog signal range
APPLICATIONS
Relay replacement
Automatic test equipment
Data acquisition
Instrumentation
Avionics
Audio and video switching
Communication systems
FUNCTIONAL BLOCK DIAGRAMS
IN1 IN2 IN3 EN
S1A
D1
S1B
S2B
D2
S2A
S3B
D3
S3A
LOGIC
ADG5433
SWITCHES SHOWN FOR
A LOGIC 1 INPUT.
Figure 1. ADG5433 TSSOP and LFCSP_WQ
IN1 IN2 IN3 IN4
S1A
D1
S1B
S2B
D2
S2A
S4A
D4
S4B
S3B
D3
S3A
LOGIC
ADG5434
SWITCHES SHOWN FOR
A LOGIC 1 INPUT.
Figure 2. ADG5434 TSSOP
GENERAL DESCRIPTION
The ADG5433 and ADG5434 are monolithic industrial CMOS
analog switches comprising three independently selectable
single-pole, double-throw (SPDT) switches and four indepen-
dently selectable SPDT switches, respectively.
All channels exhibit break-before-make switching action that
prevents momentary shorting when switching channels. An EN
input on the ADG5433 (LFCSP and TSSOP packages) is used to
enable or disable the device. When disabled, all channels are
switched off.
The ultralow on resistance and on-resistance flatness of these
switches make them ideal solutions for data acquisition and gain
switching applications, where low distortion is critical.
PRODUCT HIGHLIGHTS
1. Trench isolation guards against latch-up. A dielectric trench
separates the P and N channel transistors thereby preventing
latch-up even under severe overvoltage conditions.
2. Low RON.
3. Dual-supply operation. For applications where the analog
signal is bipolar, the ADG5433/ADG5434 can be operated
from dual supplies up to ±22 V.
4. Single-supply operation. For applications where the analog
signal is unipolar, the ADG5433/ADG5434 can be operated
from a single-rail power supply up to 40 V.
5. 3 V logic compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
6. No VL logic power supply required.


Número de pieza similar - ADG5433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5433 AD-ADG5433 Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433BCPZ-REEL7 AD-ADG5433BCPZ-REEL7 Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433BRUZ AD-ADG5433BRUZ Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433BRUZ-REEL7 AD-ADG5433BRUZ-REEL7 Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results

Descripción similar - ADG5433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
High Voltage Latch-Up Proof, Single SPDT Switch
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com