Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2201 Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza 2201
Descripción Electrónicos  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

2201 Datasheet(HTML) 16 Page - Texas Instruments

Back Button 2201 Datasheet HTML 12Page - Texas Instruments 2201 Datasheet HTML 13Page - Texas Instruments 2201 Datasheet HTML 14Page - Texas Instruments 2201 Datasheet HTML 15Page - Texas Instruments 2201 Datasheet HTML 16Page - Texas Instruments 2201 Datasheet HTML 17Page - Texas Instruments 2201 Datasheet HTML 18Page - Texas Instruments 2201 Datasheet HTML 19Page - Texas Instruments 2201 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Input
Sense
HI
HI
I
VmP
VmN
ImP
ImN
15vP
15vN
GND
Multi-Cal-Master-PCA
J9
HP34401
DMM
LO
LO
Voltmeter
plugs are
not connected
Linear
Power Supply
Floating Linear
Power Supply
+15V
GND
-15V
POS
NEG
24V
Starter System Setup
www.ti.com
Figure 15 shows how to connect the Multi-Cal-Power cable to power supplies and to the DMM. This
connection is for current loop output sensor modules. Refer to Table 3 for an illustration of how to set the
jumpers on the Multi-Cal-Test PCA for current loop configuration.
NOTE:
It is very important that the device power supply is floating. In other words, the negative
terminal on the device power supply is not connected to GND on the
±15-V supply. Also, this
supply should not be referenced to earth ground.
Figure 15. Connect Multi-Cal-Power Cable to Power Supplies (Current Loop Output)
16
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com