Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2201 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza 2201
Descripción Electrónicos  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

2201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 2201 Datasheet HTML 7Page - Texas Instruments 2201 Datasheet HTML 8Page - Texas Instruments 2201 Datasheet HTML 9Page - Texas Instruments 2201 Datasheet HTML 10Page - Texas Instruments 2201 Datasheet HTML 11Page - Texas Instruments 2201 Datasheet HTML 12Page - Texas Instruments 2201 Datasheet HTML 13Page - Texas Instruments 2201 Datasheet HTML 14Page - Texas Instruments 2201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
Starter System Setup
Figure 9 illustrates how to connect the Multi-Cal-Interface cable to the Multi-Cal-Master PCA card. It is
important to make sure that the connector is not angled or crooked, and that the screws are fully
tightened. Improperly seated connectors are a common cause of intermittent unit failure.
Figure 9. Connect Multi-Cal-Interface Cable to Multi-Cal-Master PCA Card
Figure 10 shows how the Multi-Cal-Interface cable connects to the Multi-Cal-Interface PCA. Again, it is
important to make sure that the connector is not misaligned or crooked, and that the screws are fully
tightened. Improperly seated connectors are a common cause of intermittent device failure. Make sure
that you connect J1 of the Multi-Cal-Master PCA card to P1 of the Multi-Cal-Interface PCA card. When this
step is complete, repeat the process for the other connector (J0 and P0). It is a good idea to attach labels
to the cable connectors to indicate which connector it is associated with.
Figure 10. Connect Multi-Cal-Interface Cable to Multi-Cal-Interface PCA Card
11
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com