Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2201 Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza 2201
Descripción Electrónicos  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

2201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 2201 Datasheet HTML 9Page - Texas Instruments 2201 Datasheet HTML 10Page - Texas Instruments 2201 Datasheet HTML 11Page - Texas Instruments 2201 Datasheet HTML 12Page - Texas Instruments 2201 Datasheet HTML 13Page - Texas Instruments 2201 Datasheet HTML 14Page - Texas Instruments 2201 Datasheet HTML 15Page - Texas Instruments 2201 Datasheet HTML 16Page - Texas Instruments 2201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Jumper banks for
sensor emulator. Select
one of the five positions
for each bank. Here.
Low = 6mV, High = 3mV.
Seven jumpers used to select
the PGA308 mode. Here, 4-wire
Voltage Output is selected.
SensorEmulator switch (SW1).
Selects between High bank and
Low bank. Here, Low bank is
selected.
www.ti.com
Starter System Setup
Figure 12 illustrates the jumper setup on Multi-Cal-Test PCA card. The Multi-Cal-Test PCA has seven
jumpers that allow you to choose between three different modes of operation (current output, four-wire
voltage output, and three-wire voltage output). The Multi-Cal-Test PCA card also has two banks of
jumpers that select the sensor-emulator output on the test board.
Figure 12. Jumpers on Multi-Cal-Test PCA Card
Table 3 and Table 4 explain how to set the jumpers on the Multi-Cal-Test PCA and the respective jumper
functions. The test board allows all for the operation of the three modes of the PGA308 device. The test
board also has a jumper-selected sensor-emulator. The sensor-emulator creates an input signal for the
PGA308 so that you can perform an example calibration.
Table 3. Mode Jumpers on the Multi-Cal-Test PCA
Mode
Jumper Positions
Current Output
JMP1 = Position without label
JMP2 = Position without label
JMP3 = XTR
JMP4 = XTR
JMP5 = XTR
JMP6 = XTR
JMP7 = XTR
4-Wire Voltage Output
JMP1 = Position without label
JMP2 = Position without label
JMP3 = Position without label
JMP4 = Position without label
JMP5 = Position without label
JMP6 = Position without label
JMP7 = Position without label
13
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com