Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC999 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

No. de pieza HMC999
Descripción Electrónicos  GaN MMIC 10 WATT POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC999 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC999_12 Datasheet HTML 1Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 2Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 8Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Products and Product Information are Subject to Change Without Notice.
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC999
v01.0112
GaN MMIC 10 WATT POWER AMPLIFIER,
0.01 - 10 GHz
General Description
Features
Functional Diagram
The hmC999 is a Gan hemT mmiC Distributed
power Amplifier which operates between 0.01 and 10
Ghz. The amplifier provides 11 dB of gain, 47 dBm
output ip3 and 38 dBm of output power at 1 dB gain
compression while requiring 1100 mA from a +48 V
supply. The hmC999 amplifier provides 10 watts of
saturated power in a chip area only 7 mm2, equating
to a power density of 1.5 w/mm2 over 3 decades of
bandwidth. All data is taken with the chip connected
via two 0.025 mm (1 mil) wire bonds of minimal length
0.31 mm (12 mils).
high p1dB output power: 38 dBm
high psat output power: 40 dBm
high output ip3: 47 dBm
high Gain: 11 dB
supply Voltage: +28V, +40V or +48V @ 1100 mA
50 ohm matched input/output
Die size: 3.66 x 1.91 x 0.1 mm
Typical Applications
The hmC999 is ideal for:
• Test Instrumentation
• Military Communications
• Jammers and Decoys
• Radar, EW & ECM Subsystems
• Space
Electrical Specifications, T
A = +25°C
[2]
, Vdd = +48 V, Vgg2 = +22 V, Idd = 1100 mA* [1]
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
0.01 - 2
2 - 6
6 - 10
Ghz
Gain
10.5
12.5
9
11
8.5
10.5
dB
Gain flatness
±0.8
±0.4
±0.7
dB
Gain Variation over Temperature
0.017
0.02
0.025
dB/ °C
input return loss
20
18
15
dB
output return loss
13
15
14
dB
output power for 1 dB Compression (p1dB)
36.5
38.5
36
38
34.5
36.5
dBm
saturated output power (psat)
40.5
40
39.5
dBm
output Third order intercept (ip3)
48
47
45.5
dBm
supply Current
(idd) (Vdd = 48V, Vgg = 22V Typ.)
1100
1100
1100
mA
* Adjust Vgg1 between -5 to 0 V to achieve Idd = 1100 mA typical.
[1] S parameter and OIP3 data taken at Idd=1000mA
[2] Probe station chuck temperature adjusted to bring backside of die to +25
°C


Número de pieza similar - HMC999_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
More results

Descripción similar - HMC999_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Rev 1.1
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
25 WATT GaN MMIC POWER AMPLIFIER
HMC1086F10 AD-HMC1086F10 Datasheet
718Kb / 12P
25 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
8 WATT GaN MMIC POWER AMPLIFIER
HMC1087F10 AD-HMC1087F10 Datasheet
723Kb / 12P
8 WATT Flange Mount GaN MMIC POWER AMPLIFIER
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
logo
Qorvo, Inc
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
logo
WOLFSPEED, INC.
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com