Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC999 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

No. de pieza HMC999
Descripción Electrónicos  GaN MMIC 10 WATT POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC999 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC999_12 Datasheet HTML 1Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 2Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 8Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HMC999
v01.0112
GaN MMIC 10 WATT POWER AMPLIFIER,
0.01 - 10 GHz
Products and Product Information are Subject to Change Without Notice.
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Psat vs. Supply Current
Psat vs. Supply Voltage
P1dB vs. Supply Current
Output IP3 @ Pout = 26 dBm / Tone
25
30
35
40
45
50
0
123
456
7
89
10
+28V
+40V
+48V
FREQUENCY (GHz)
25
30
35
40
45
50
0
123
456
7
89
10
600 mA
700 mA
800 mA
900 mA
1000 mA
1100 mA
FREQUENCY (GHz)
25
30
35
40
45
50
0
123
456
7
89
10
600 mA
700 mA
800 mA
900 mA
1000 mA
1100 mA
FREQUENCY (GHz)
30
35
40
45
50
55
60
01
234
5678
9
10
25C
FREQUENCY (GHz)
Output IM3 @ Vdd = +48V
10
20
30
40
50
60
70
80
10
12
14
16
18
20
22
24
26
28
30
32
34
2 GHz
4 GHz
6 GHz
8 GHz
Pout/Tone (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com