Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC999 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

No. de pieza HMC999
Descripción Electrónicos  GaN MMIC 10 WATT POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC999 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC999_12 Datasheet HTML 2Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 8Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 9Page - Hittite Microwave Corporation HMC999_12 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
HMC999
v01.0112
GaN MMIC 10 WATT POWER AMPLIFIER,
0.01 - 10 GHz
Products and Product Information are Subject to Change Without Notice.
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Second Harmonics vs. Idd @
Pout = +26 dBm, Vdd = 48V
Second Harmonics vs. Vdd @
Pout = +26 dBm, Idd = 1100 mA
Second Harmonics vs. Pout
Vdd = 48V & Vgg = 22V & Idd = 1100 mA
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
56V
Gate Bias Voltage (Vgg1)
-5 to 0V
Gate Bias Voltage (Vgg2)
6V to (Vdd - 8V)
rf input power @ fin < 0.2Ghz (rfin) 28 dBm
rf input power @ fin > 0.2Ghz (rfin) 36 dBm
Channel Temperature
225 °C
Continuous pdiss (T= 85 °C)
(derate 729 mw/°C above 85 °C)
102 w
Thermal resistance [1]
1.37 °C/w
output power into Vswr > 7:1
40 dBm
storage Temperature
-65 to 150 °C
operating Temperature
-55 to 85 °C
eleCTrosTATiC sensiTiVe DeViCe
oBserVe hAnDlinG preCAUTions
Vdd (V)
idd (mA)
28
1100
40
1100
48
1100
Typical Supply Current vs. Vdd
0
10
20
30
40
50
60
70
02468
10
12
+14 dBm
+18 dBm
+22 dBm
+26 dBm
+30 dBm
FREQUENCY(GHz)
Second Harmonics vs. Temperature
Vdd = 48V & Vgg = 22V & Idd = 1100 mA
Pout = 26 dBm
0
10
20
30
40
50
60
70
02468
10
12
+25C
+85C
FREQUENCY(GHz)
0
10
20
30
40
50
60
70
02468
10
12
800mA
900mA
1000mA
1100mA
FREQUENCY(GHz)
0
10
20
30
40
50
60
70
02468
10
12
+48V
+40V
+28V
FREQUENCY(GHz)
[1] Includes 0.5 mil thick thermally conductive epoxy layer. Epoxy thermal conductivity = 60 W/mC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com