Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 244 Page - Microchip Technology

No. de pieza PIC32MX795F512LT-80I/PF
Descripción Electrónicos  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 240Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 241Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 247Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 244
© 2009-2011 Microchip Technology Inc.
4.0 “Memory Organization”
(Continued)
Made the following bit name changes in the I2C1, I2C3, I2C4 and I2C5 Register
Map (Table 4-11):
• I2C3BRG SFR: I2C1BRG was changed to I2C3BRG
• I2C4BRG SFR: I2C1BRG was changed to I2C4BRG
• I2C5BRG SFR: I2C1BRG was changed to I2C5BRG
• I2C4TRN SFR: I2CT1DATA was changed to I2CT2ADATA
• I2C4RCV SFR: I2CR2DATA was changed to I2CR2ADATA
• I2C5TRN SFR: I2CT1DATA was changed to I2CT3ADATA
• I2C5RCV SFR: I2CR1DATA was changed to I2CR3ADATA
Added the RTSMD bit and UEN<1:0> bits to the UART1A, UART1B, UART2A,
UART2B, UART3A and UART3B Register Map (Table 4-13)
Added the SIDL bit to the DMA Global Register Map (Table 4-17).
Changed the CM bit to CMR in the System Control Register Map (Table 4-23).
Added the following devices to the I2C2, SPI1, PORTA, PORTC, PORTD,
PORTE, PORTF, PORTG, Change Notice and Pull-up Register Maps (Table 4-12,
Table 4-14, Table 4-24, Table 4-27, Table 4-29, Table 4-31, Table 4-33, Table 4-35
and Table 4-36):
• PIC32MX534F064L
• PIC32MX564F064L
• PIC32MX564F128L
• PIC32MX664F064L
• PIC32MX664F128L
• PIC32MX764F128L
Added the following devices to the PORTC, PORTD, PORTE, PORTF, PORTG,
Change Notice and Pull-up Register Maps (Table 4-26, Table 4-28, Table 4-30,
Table 4-32, Table 4-34 and Table 4-37):
• PIC32MX534F064H
• PIC32MX564F064H
• PIC32MX564F128H
• PIC32MX664F064H
• PIC32MX664F128H
• PIC32MX764F128H
Added the following devices to the CAN1 Register Map (Table 4-45):
• PIC32MX534F064H
• PIC32MX564F064H
• PIC32MX564F128H
• PIC32MX764F128H
• PIC32MX534F064L
• PIC32MX564F064L
• PIC32MX564F128L
• PIC32MX764F128L
Added the following devices to the Ethernet Controller Register Map (Table 4-47):
• PIC32MX664F064H
• PIC32MX664F128H
• PIC32MX764F128H
• PIC32MX664F064L
• PIC32MX664F128L
• PIC32MX764F128L
TABLE B-3:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description