Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TVP6000CPFP Datasheet(PDF) 31 Page - Texas Instruments

No. de pieza TVP6000CPFP
Descripción Electrónicos  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 27Page - Texas Instruments TVP6000CPFP Datasheet HTML 28Page - Texas Instruments TVP6000CPFP Datasheet HTML 29Page - Texas Instruments TVP6000CPFP Datasheet HTML 30Page - Texas Instruments TVP6000CPFP Datasheet HTML 31Page - Texas Instruments TVP6000CPFP Datasheet HTML 32Page - Texas Instruments TVP6000CPFP Datasheet HTML 33Page - Texas Instruments TVP6000CPFP Datasheet HTML 34Page - Texas Instruments TVP6000CPFP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
2–19
2.11.5
C_PHASE
Subaddress: 5A Default: 0x00
7
6
5
4
3
2
1
0
CPHS[7:0]
Where:
CPHS[7:0] Phase of encoded video color subcarrier (including the color burst) relative to
Hsync. The adjustable step is 360/256.
2.11.6
GAIN_U
Subaddress: 5B Default: 0x01
7
6
5
4
3
2
1
0
GU[7:0]
Where:
GU[7:0]
Gain control of Cb signal. The MSB, GU8, is located at subaddress 5D, bit 7.
In the case of NTSC with a 7.5 IRE pedestal, WHITE – BLACK = 92.5 IRE
Gain_U= 0x101.
In the case of no pedestal (PAL/SECAM), WHITE – BLACK = 100 IRE.
Gain_U = 0x115.
2.11.7
GAIN_V
Subaddress: 5C Default: 0x6B
7
6
5
4
3
2
1
0
GV[7:0]
Where:
GV[7:0]
Gain control of Cr signal. The MSB, GV8 is located at subaddress 5E, bit 7.
In the case of NTSC with a 7.5 IRE pedestal, WHITE – BLACK = 92.5 IRE.
Gain_V = 0x16B.
In the case of no pedestal (PAL/SECAM), WHITE – BLACK = 100 IRE.
Gain_V = 0x18C.
2.11.8
BLACK_LEVEL
Subaddress: 5D Default: 0xCC
7
6
5
4
3
2
1
0
GU8
BLACK[6:0]
Where:
GU8
The most significant bit of the GAIN_U register. See the GAIN_U register for more
information.
BLACK[6:0]Black level setting for NTSC = 0x4C and for PAL = 0x3C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com