Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TVP6000CPFP Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza TVP6000CPFP
Descripción Electrónicos  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 24Page - Texas Instruments TVP6000CPFP Datasheet HTML 25Page - Texas Instruments TVP6000CPFP Datasheet HTML 26Page - Texas Instruments TVP6000CPFP Datasheet HTML 27Page - Texas Instruments TVP6000CPFP Datasheet HTML 28Page - Texas Instruments TVP6000CPFP Datasheet HTML 29Page - Texas Instruments TVP6000CPFP Datasheet HTML 30Page - Texas Instruments TVP6000CPFP Datasheet HTML 31Page - Texas Instruments TVP6000CPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
2–16
Table 2–8. Register Bit Allocation Map (Continued)
REGISTER
R/W
SUB-
ADDRESS
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
LINE21_E0
R/W
69
L21e[7:0]
LINE21_E1
R/W
6A
L21e[15:0]
LN_SEL
R/W
6B
Sline[4:0]
SYN_CTRL0
R/W
6C
Rcv1a
Rcv1b
Hsinel
Orcv1
Prcv1
Cblfv2
Orcv2
Prcv2
RCML21
R/W
6D
Crcm2
Cblfm2
Orcm2
Prcm2
Rcm1a
Rcm1b
L21ena
L21enb
HTRIGGER0
R/W
6E
htrig[7:0]
HTRIGGER1
R/W
6F
Htrig[10:8]
VTRIGGER
R/W
70
Presa
Presb
Sblank
Vtrig[4:0]
BMRQ
R/W
71
Bmrq[7:0]
EMRQ
R/W
72
Emrq[7:0]
BEMRQ
R/W
73
Emrq[10:8]
Bmrq[10:8]
RESERVED
74–76
Reserved
BRCV
R/W
77
Brcv[7:0]
ERCV
R/W
78
Ercv[7:0]
BERCV
R/W
79
Ercv[10:8]
Brcv[10:8]
FLEN
R/W
7A
Flen[7:0]
FAL
R/W
7B
Fal[7:0]
LAL
R/W
7C
Lal[7:0]
FLAL
R/W
7D
Lal8
Fal8
Flen[9:8]
SYN_CTRL1
R/W
7E
Esav
Ignp
Free
Blnks
Avm[1:0]
RESERVED
7F
Reserved
SCM
R/W
90
Swpf
Hsc[1:0]
Vsc[1:0]
Scn
SLPF
R/W
91
Slpf[7:0]
SPPL
R/W
92
Sppl[7:0]
SLPH
R/W
93
Sppl[9:8]
Slpf[9:8]
DLPF
R/W
94
Dlpf[7:0]
DPPL
R/W
95
Dppl[7:0]
DLPH
R/W
96
Dppl[9:8]
Dlpf[9:8]
VDTAL
R/W
97
Vdta[7:0]
VDTAH
R/W
98
Vdta[15:8]
HDTAL
R/W
99
Hdta[7:0]
HDTAH
R/W
9A
Hdta[15:8]
VOFS
R/W
9B
Vofs[7:0]
HOFS
R/W
9C
Hofs[7:0]
NLR
R/W
9D
Nlr[7:0]
TEST1
R/W
9E
TEST2
R/W
9F
TEST3
R/W
A0
RESERVED
A1–FF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com