Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TVP6000CPFP Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza TVP6000CPFP
Descripción Electrónicos  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 19Page - Texas Instruments TVP6000CPFP Datasheet HTML 20Page - Texas Instruments TVP6000CPFP Datasheet HTML 21Page - Texas Instruments TVP6000CPFP Datasheet HTML 22Page - Texas Instruments TVP6000CPFP Datasheet HTML 23Page - Texas Instruments TVP6000CPFP Datasheet HTML 24Page - Texas Instruments TVP6000CPFP Datasheet HTML 25Page - Texas Instruments TVP6000CPFP Datasheet HTML 26Page - Texas Instruments TVP6000CPFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
2–11
10
µS
(7 Cycles)
13.9
µS
27.4
µS
Transition
Time: 200 ns
2 Null Characters
59.67
µS
Figure 2–11. NTSC Square Pixel Rate Closed Caption Line
10.2
µS
(7 Cycles)
13.9
µS
27.5
µS
Transition
Time: 200 ns
2 Null Characters
61.2
µS
Figure 2–12. PAL Square Pixel Rate Closed Caption Line
2.7
Clock Generation
When the CDIR pin is tied low, the TVP6000 generates the clock from the crystal connected between XTAL1
and XTAL2. Optionally, an oscillator connected to XTAL1 can also be used. The clock is used internally and
is also properly buffered and output at the LLC pin. The clock qualifying reference signal, CREF, is also an
output in this mode.
When CDIR is tied high, the LLC and CREF pins are inputs. The TVP6000 receives the clock signal from
the LLC pin and the clock qualifying reference signal from the CREF pin.
2.8
Analog Output
The TVP6000 supports simultaneous composite and S-video outputs. Additionally, the DACs may be
independently turned off via software to minimize power dissipation.
The output DACs are current sources and are optimal for driving a 37.5-
Ω load with double 75-Ω termination.
A 264-
Ω full-scale adjust resistor must be connected between the FSADJ pin and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com