Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TVP6000CPFP Datasheet(PDF) 30 Page - Texas Instruments

No. de pieza TVP6000CPFP
Descripción Electrónicos  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 26Page - Texas Instruments TVP6000CPFP Datasheet HTML 27Page - Texas Instruments TVP6000CPFP Datasheet HTML 28Page - Texas Instruments TVP6000CPFP Datasheet HTML 29Page - Texas Instruments TVP6000CPFP Datasheet HTML 30Page - Texas Instruments TVP6000CPFP Datasheet HTML 31Page - Texas Instruments TVP6000CPFP Datasheet HTML 32Page - Texas Instruments TVP6000CPFP Datasheet HTML 33Page - Texas Instruments TVP6000CPFP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
2–18
2.11.4
F_CONTROL
Subaddress:3A Default: 0x8D
7
6
5
4
3
2
1
0
CBAR
FTM[2]
Y2C
UV2C
FTM[1:0]
Format control register. This register specifies the input video source and format.
Where:
CBAR
Select video data source
0
Use external video source
1
Use internal color bars
Y2C
Y data format selection
0
The input Y data are in twos complement format
1
The input Y data are in binary format
UV2C
CrCb data format selection
0
The input CrCb data is in twos complement format
1
The inputCrCb data is in binary format
FTM[2:0]
These three bits detemine the video input data stream format and timing as listed
in Table 2–9. The SCN bit (subaddress 90, bit 0) is also used in this decode.
Table 2–9. Input Format and Data Sampling
SCN
FTM[2:0]
INPUT FORMAT
SAMPLING TIME
INTERNAL
ENCODER
CLOCK
0
X
0
0
Reserved
Reserved
Reserved
0
X
0
1
YUV 4:2:2 on VP1 and VP2
Data is sampled at the rising edge of LLC
qualified by CREF.
LLC
0
0
1
0
YUV 4:2:2 on VP1 port
Data is sampled at the rising edge of LLC
LLC
0
1
1
0
YUV 4:2:2 on VP2 port
Data is sampled at the rising edge of LLC
LLC
0
0
1
1
CCIR 656 on VP1 port
Data is sampled at the rising edge of LLC
LLC
0
1
1
1
CCIR 656 on VP2 port
Data is sampled at the rising edge of LLC
LLC
1
X
0
0
Reserved
Reserved
Reserved
1
X
0
1
YUV 4:2:2
Data is sampled at the rising edge of LLC
LLC
1
0
1
0
YUV 4:2:2 on VP1 port
Data is sampled at both edges of LLC
LLC
1
1
1
0
YUV 4:2:2 on VP2 port
Data is sampled at both edges of LLC
LLC
1
X
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com