Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCM5310PAP Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PCM5310PAP
Descripción Electrónicos  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 73Page - Texas Instruments PCM5310PAP Datasheet HTML 74Page - Texas Instruments PCM5310PAP Datasheet HTML 75Page - Texas Instruments PCM5310PAP Datasheet HTML 76Page - Texas Instruments PCM5310PAP Datasheet HTML 77Page - Texas Instruments PCM5310PAP Datasheet HTML 78Page - Texas Instruments PCM5310PAP Datasheet HTML 79Page - Texas Instruments PCM5310PAP Datasheet HTML 80Page - Texas Instruments PCM5310PAP Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
Register 103 (67h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
103
67h
SCK selection of PORT-1 and PORT-2
RSV
SCS2[3:0]
RSV
SCS1[3:0]
SCS2[3:0]: SCK Selection of PORT-2 (MUX_P2SC)
These bits are used for routing SCK of PORT-2. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-2. Refer to Figure 47 for more details.
Default value: 001
000
Output SCK1
001
Input SCK2 (default)
010
Output SCK3
011
Output SCK4
100
Output SCK5
101
Output SCK6
Others
Reserved
SCS1[3:0]: SCK Selection of PORT-1 (MUX_P1SC)
These bits are used for routing SCK of PORT-2. Any combination of SCK1 to SCK6 and SCK can be connected
to PORT-1. Refer to Figure 48 for more details.
Default value: 000
000
Input SCK1 (default)
001
Output SCK2
010
Output SCK3
011
Output SCK4
100
Output SCK5
101
Output SCK6
Others
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com