Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCM5310PAP Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PCM5310PAP
Descripción Electrónicos  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 58Page - Texas Instruments PCM5310PAP Datasheet HTML 59Page - Texas Instruments PCM5310PAP Datasheet HTML 60Page - Texas Instruments PCM5310PAP Datasheet HTML 61Page - Texas Instruments PCM5310PAP Datasheet HTML 62Page - Texas Instruments PCM5310PAP Datasheet HTML 63Page - Texas Instruments PCM5310PAP Datasheet HTML 64Page - Texas Instruments PCM5310PAP Datasheet HTML 65Page - Texas Instruments PCM5310PAP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
Registers 52 and 53 (34h and 35h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
DMU4: Digital Mute Control for DAC34, R-Channel
DMU3: Digital Mute Control for DAC34, L-Channel
The PCM5310 can independently mute the DAC digital input data to a zero level when DMU4 and DMU3 = '1'.
These settings take precedence over the attenuation level settings of bits DAT3[7:0] and DAT4[7:0] in registers
52 and 53. The analog outputs may have audible zipper noise while changing levels. This noise can be reduced
by selecting zero-crossing detection (Register 50, DZ34).
Default value: 0
0
Mute disabled (default)
1
Mute enabled
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
52
34h
Digital attenuation level setting for DAC34 L-channel
DAT3[7:0]
53
35h
Digital attenuation level setting for DAC34 R-channel
DAT4[7:0]
DAT3[7:0]: Digital Attenuation Setting for DAC34, L-Channel
DAT4[7:0]: Digital Attenuation Setting for DAC34, R-Channel
The digital attenuator of DAC34 can be independently set from 0 dB to –100 dB in 0.5-dB steps. The DAC34
output may have audible zipper noise while changing levels. This noise can be reduced by selecting zero
crossing detection (Register 50, DZ34).
Default value : 1111 1111
Table 34. Digital Attenuation Level Setting for DAC34
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT3[7:0]
LEVEL
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
DAT4[7:0]
SETTING
1111 1111
FF
0 dB (default)
1100 1100
CC
–25.5 dB
1001 1001
99
– 51 dB
0110 0110
66
–76.5 dB
1111 1110
FE
–0.5 dB
1100 1011
CB
–26 dB
1001 1000
98
–51.5 dB
0110 0101
65
–77 dB
1111 1101
FD
–1 dB
1100 1010
CA
–26.5 dB
1001 0111
97
–52 dB
0110 0100
64
–77.5 dB
1111 1100
FC
–1.5 dB
1100 1001
C9
–27 dB
1001 0110
96
–52.5 dB
0110 0011
63
–78 dB
1111 1011
FB
–2 dB
1100 1000
C8
–27.5 dB
1001 0101
95
–53 dB
0110 0010
62
–78.8 dB
1111 1010
FA
–2.5 dB
1100 0111
C7
–28 dB
1001 0100
94
–53.5 dB
0110 0001
61
–79 dB
1111 1001
F9
–3 dB
1100 0110
C6
–28.5 dB
1001 0011
93
–54 dB
0110 0000
60
–79.5 dB
1111 1000
F8
–3.5 dB
1100 0101
C5
–29 dB
1001 0010
92
–54.5 dB
0101 1111
5F
–80 dB
1111 0111
F7
–4 dB
1100 0100
C4
–29.5 dB
1001 0001
91
–55 dB
0101 1110
5E
–80.5 dB
1111 0110
F6
–4.5 dB
1100 0011
C3
–30 dB
1001 0000
90
–55.5 dB
0101 1101
5D
–81 dB
1111 0101
F5
–5 dB
1100 0010
C2
–30.5 dB
1000 1111
8F
–56 dB
0101 1100
5C
–81.5 dB
1111 0100
F4
–5.5 dB
1100 0001
C1
–31 dB
1000 1110
8E
–56.5 dB
0101 1011
5B
–82 dB
1111 0011
F3
–6 dB
1100 0000
C0
–31.5 dB
1000 1101
8D
–57 dB
0101 1010
5A
–82.5 dB
1111 0010
F2
–6.5 dB
1011 1111
BF
–32 dB
1000 1100
8C
–57.5 dB
0101 1001
59
–83 dB
1111 0001
F1
–7 dB
1011 1110
BE
–32.5 dB
1000 1011
8B
–58 dB
0101 1000
58
–83.5 dB
1111 0000
F0
–7.5 dB
1011 1101
BD
–33 dB
1000 1010
8A
–58.5 dB
0101 0111
57
–84 dB
1110 1111
EF
–8 dB
1011 1100
BC
–33.5 dB
1000 1001
89
–59 dB
0101 0110
56
–84.5 dB
1110 1110
EE
–8.5 dB
1011 1011
BB
–34 dB
1000 1000
88
–59.5 dB
0101 0101
55
–85 dB
1110 1101
ED
–9 dB
1011 1010
BA
–34.5 dB
1000 0111
87
–60 dB
0101 0100
54
–85.5 dB
1110 1100
EC
–9.5 dB
1011 1001
B9
–35 dB
1000 0110
86
–60.5 dB
0101 0011
53
–86 dB
1110 1011
EB
–10 dB
1011 1000
B8
–35.5 dB
1000 0101
85
–61 dB
0101 0010
52
–86.5 dB
1110 1010
EA
–10.5 dB
1011 0111
B7
–36 dB
1000 0100
84
–61.5 dB
0101 0001
51
–87 dB
1110 1001
E9
–11 dB
1011 0110
B6
–36.5 dB
1000 0011
83
–62 dB
0101 0000
50
–87.5 dB
62
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com