Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCM5310PAP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PCM5310PAP
Descripción Electrónicos  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 34Page - Texas Instruments PCM5310PAP Datasheet HTML 35Page - Texas Instruments PCM5310PAP Datasheet HTML 36Page - Texas Instruments PCM5310PAP Datasheet HTML 37Page - Texas Instruments PCM5310PAP Datasheet HTML 38Page - Texas Instruments PCM5310PAP Datasheet HTML 39Page - Texas Instruments PCM5310PAP Datasheet HTML 40Page - Texas Instruments PCM5310PAP Datasheet HTML 41Page - Texas Instruments PCM5310PAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
TWO-WIRE INTERFACE (I
2C)
Slave Address
Packet Protocol
SDA
SCLSt
1-7
SlaveAddress
Start
Condition
Stop
Condition
R/W
ACK
DATA
8
9
1-8
9
1-8
9
Sp
ACK
DATA
ACK
R/ :Readoperationif ‘1’;otherwise,writeoperation.
ACK:Acknowledgementofabyteif ‘0’.
DATA:8bits(1byte).
W
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The PCM5310 supports the I2C serial bus and the data transmission protocol for the I2C standard as a slave
device. This protocol is explained in the I2C specification 2.0.
In I2C mode, the control terminals are changed as shown in Table 23.
Table 23. Control Pins
PIN NAME
INPUT/OUTPUT
DESCRIPTION
SDA
Input/Output
I2C data
SCL
Input
I2C clock
The PCM5310 has its own 7-bit slave address, as shown in Table 24. The first six bits (MSBs) of the slave
address are factory preset to '1000110'. The last bit of the address byte is the device select bit, which can be
user-defined by the ADR terminal. A maximum of two PCM5310s can be connected on the same bus
simultaneously. Each PCM5310 responds when it receives its own slave address.
Table 24. Slave Address
MSB
LSB
1
0
0
0
1
1
0
R/W
The master device must control packet protocol, which consists of a start condition, a slave address with
read/write (R/W) bit, data (if write) or acknowledgement (if read), and a stop condition, as shown in Figure 45.
The PCM5310 supports only a slave receiver and slave transmitter. Table 25 shows a basic I2C write operation.
Table 26 shows a basic I2C read operation.
Figure 45. Basic I2C Framework
Table 25. Basic I2C Write Operation
TRANSMITTER
M
M
M
S
M
S
M
S
M
Slave
DATA TYPE
St
R/W
ACK
DATA
ACK
DATA
ACK
Sp
address
LEGEND: M = master device, S = slave device, St = START condition, Sp = STOP condition, R/W = read/write, ACK = acknowledge.
Table 26. Basic I2C Read Operation
TRANSMITTER
M
M
M
S
M
S
M
S
M
Slave
DATA TYPE
St
R/W
ACK
DATA
NACK
DATA
NACK
Sp
address
LEGEND: M = master device, S = slave device, St = START condition, Sp = STOP condition, R/W = read/write, ACK = acknowledge,
NACK = not acknowledge.
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com