Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCM5310PAP Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PCM5310PAP
Descripción Electrónicos  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAP Datasheet(HTML) 57 Page - Texas Instruments

Back Button PCM5310PAP Datasheet HTML 53Page - Texas Instruments PCM5310PAP Datasheet HTML 54Page - Texas Instruments PCM5310PAP Datasheet HTML 55Page - Texas Instruments PCM5310PAP Datasheet HTML 56Page - Texas Instruments PCM5310PAP Datasheet HTML 57Page - Texas Instruments PCM5310PAP Datasheet HTML 58Page - Texas Instruments PCM5310PAP Datasheet HTML 59Page - Texas Instruments PCM5310PAP Datasheet HTML 60Page - Texas Instruments PCM5310PAP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 103 page
background image
Registers 40 and 41 (28h and 29h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
40
28h
Digital attenuation and mute control for DAC12
D12E
RSV
DUC2
DUC1
RSV
RSV
RSV
DZ12
41
29h
Digital gain boost and digital soft mute for DAC12
RSV
RSV
RSV
RSV
DB12[1:0]
DMU2
DMU1
D12E: Digital Attenuation and Mute Update Control Enable for DAC12
DUC2: Digital Attenuation and Mute Setting Update for DAC12, R-Channel
DUC1: Digital Attenuation and Mute Setting Update for DAC12, L-Channel
The digital attenuation and mute levels of DAC12 can be changed independently to any level by setting bits
DMU2 and DMU1 of Register 41, bits DAT1[7:0] of Register 42, and bits DAT2[7:0] of Register 43 when D12E =
'0'. When D12E = '1', the level is changed to any level at the same time when DUC2 = '1' or DUC1 = '1'. Both bits
are automatically set to '0' after being set to '1'. DUC2 and DUC1 must be set to '1' for every volume level setting
while HUPE = '1'.
Default value of D12E: 1. Default value of DUC2 and DUC1: 0
D12E = 0
Digital attenuation and mute update control disabled
D12E = 1
Digital attenuation and mute update control enabled (default)
DUC2, DUC1 = 0
No update level (default)
DUC2, DUC1 = 1
Update level (set to '0' automatically after setting to '1')
DZ12: Digital Attenuation and Mute Zero Crossing Enable for DAC12
This bit enables zero-crossing detection, which reduces zipper noise while the DAC digital attenuator and mute
settings are being changed. If no zero-crossing data are input for a 512/fS period (10.6 ms at a 48-kHz sampling
rate), then a timeout occurs and the PCM5310 volume level changes. Zero-crossing detection cannot be used
with continuous zero and dc data.
Default value: 1
0
Disabled
1
Enabled (default)
DB12[1:0]: Digital Gain Boost for DAC12
These bits boost the gain for the digital data input to the DAC12 channels before the digital attenuation.
Default value: 00
00
0dB (default)
01
6 dB
10
12 dB
11
18 dB
DMU2: Digital Mute Control for DAC12, R-Channel
DMU1: Digital Mute Control for DAC12, L-Channel
The PCM5310 can independently mute the DACs digital input data to zero level when DMU2 and DMU1 = '1'.
These settings take precedence over the attenuation level settings set by bits DAT1[7:0] and DAT2[7:0] in
regsiter 42. The analog outputs may have audible zipper noise while changing levels. This noise can be reduced
by selecting zero-crossing detection (Register 40, DZ12).
Default value: 0
0
Mute disabled (default)
1
Mute enabled
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com