Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2402 Datasheet(PDF) 26 Page - Linear Technology

No. de pieza LTC2402
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 22Page - Linear Technology LTC2402 Datasheet HTML 23Page - Linear Technology LTC2402 Datasheet HTML 24Page - Linear Technology LTC2402 Datasheet HTML 25Page - Linear Technology LTC2402 Datasheet HTML 26Page - Linear Technology LTC2402 Datasheet HTML 27Page - Linear Technology LTC2402 Datasheet HTML 28Page - Linear Technology LTC2402 Datasheet HTML 29Page - Linear Technology LTC2402 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
ANTIALIASING
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2401/LTC2402 signifi-
cantly simplify antialiasing filter requirements.
The digital filter provides very high rejection except at
integer multiples of the modulator sampling frequency
(fS), see Figure 26. The modulator sampling frequency is
256 • FO, where FO is the notch frequency (typically 50Hz
or 60Hz). The bandwidth of signals not rejected by the
digital filter is narrow (
≈0.2%)comparedtothebandwidth
of the frequencies rejected.
As a result of the oversampling ratio (256) and the digital
filter, minimal (if any) antialias filtering is required in front
of the LTC2401/LTC2402. If passive RC components are
placed in front of the LTC2401/LTC2402, the input dy-
namic current should be considered (see Input Current
section). In cases where large effective RC time constants
are used, an external buffer amplifier may be required to
minimize the effects of input dynamic current.
The modulator contained within the LTC2401/LTC2402
can handle large-signal level perturbations without satu-
rating. Signal levels up to 40% of VREF do not saturate the
analog modulator. These signals are limited by the input
ESD protection to 300mV below ground and 300mV above
VCC.
Single Ended Half-Bridge Digitizer
with Reference and Ground Sensing
Sensors convert real world phenomena (temperature,
pressure, gas levels, etc.) into a voltage. Typically, this
voltage is generated by passing an excitation current
through the sensor. The wires connecting the sensor to
the ADC form parasitic resistors RP1 and RP2. The excita-
tion current also flows through parasitic resistors RP1 and
RP2, as shown in Figure 27. The voltage drop across these
parasitic resistors leads to systematic offset and full-scale
errors.
In order to eliminate the errors associated with these
parasitic resistors, the LTC2401/LTC2402 include a full-
scale set input (FSSET) and a zero-scale set input
(ZSSET). As shown in Figure 28, the FSSET pin acts as a zero
current full-scale sense input. Errors due to parasitic
resistance RP1 in series with the half-bridge sensor are
removed by the FSSET input to the ADC. The absolute full-
scale output of the ADC (data out = FFFFFFHEX ) will occur
INPUT FREQUENCY
0
–60
–40
0
24012 F26
–80
–100
fS/2
fS
–120
–140
–20
Figure 26. Sinc4 Filter Rejection
VFULL-SCALE ERROR
SENSOR
SENSOR OUTPUT
RP1
IEXCITATION
+
VOFFSET ERROR
+
+
RP2
24012 F27
VCC
LTC2401
FSSET
GND
SCK
VIN
SDO
FO
CS
ZSSET
3-WIRE
SPI INTERFACE
1
9
8
7
10
24012 F03
2
3
5
RP2
RP5
IDC = 0
RP1
VB
VA
6
RP4
IDC = 0
IEXCITATION
RP3
IDC = 0
Figure 28. Half-Bridge Digitizer with
Zero-Scale and Full-Scale Sense
Figure 27. Errors Due to Excitation Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com