Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2402 Datasheet(PDF) 16 Page - Linear Technology

No. de pieza LTC2402
Descripción Electrónicos  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 12Page - Linear Technology LTC2402 Datasheet HTML 13Page - Linear Technology LTC2402 Datasheet HTML 14Page - Linear Technology LTC2402 Datasheet HTML 15Page - Linear Technology LTC2402 Datasheet HTML 16Page - Linear Technology LTC2402 Datasheet HTML 17Page - Linear Technology LTC2402 Datasheet HTML 18Page - Linear Technology LTC2402 Datasheet HTML 19Page - Linear Technology LTC2402 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC2401/LTC2402
Figure 5. External Serial Clock, Single Cycle Operation
APPLICATIO S I FOR ATIO
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
TEST EOC
MSB
SUB LSB
EXR
CH0/CH1
BIT 0
LSB
BIT 4
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
24012 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
TEST EOC
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
VCC
3-WIRE
SERIAL I/O
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
SDO
SCK
(EXTERNAL)
CS
DATA OUTPUT
CONVERSION
SLEEP
SLEEP
TEST EOC
TEST EOC
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
CONVERSION
24012 F06
MSB
EXR
SIG
CH0/CH1
BIT 8
BIT 27
BIT 9
BIT 28
BIT 29
BIT 30
EOC
BIT 31
BIT 0
EOC
Hi-Z
TEST EOC
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
VCC
3-WIRE
SERIAL I/O
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
Figure 6. External Serial Clock, Reduced Data Output Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com