Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 116 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 112Page - Renesas Technology Corp M30623SC Datasheet HTML 113Page - Renesas Technology Corp M30623SC Datasheet HTML 114Page - Renesas Technology Corp M30623SC Datasheet HTML 115Page - Renesas Technology Corp M30623SC Datasheet HTML 116Page - Renesas Technology Corp M30623SC Datasheet HTML 117Page - Renesas Technology Corp M30623SC Datasheet HTML 118Page - Renesas Technology Corp M30623SC Datasheet HTML 119Page - Renesas Technology Corp M30623SC Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register
115
Figure 1.14.27 shows the functional block diagram for I2C mode. Setting “1” in the I2C mode selection bit
(IICM) causes ports P70, P71, and P72 to work as data transmission-reception terminal SDA, clock input-
output terminal SCL, and port P72 respectively. A delay circuit is added to the SDA transmission output,
so the SDA output changes after SCL fully goes to “L”. An attempt to read Port P71 (SCL) results in
getting the terminal’s level regardless of the content of the port direction register. The initial value of SDA
transmission output in this mode goes to the value set in port P70. The interrupt factors of the bus collision
detection interrupt, UART2 transmission interrupt, and of UART2 reception interrupt turn to the start/stop
condition detection interrupt, acknowledgment non-detection interrupt, and acknowledgment detection
interrupt respectively.
The start condition detection interrupt refers to the interrupt that occurs when the falling edge of the SDA
terminal (P70) is detected with the SCL terminal (P71) staying “H”. The stop condition detection interrupt
refers to the interrupt that occurs when the rising edge of the SDA terminal (P70) is detected with the SCL
terminal (P71) staying “H”. The bus busy flag (bit 2 of the UART2 special mode register) is set to “1” by the
start condition detection, and set to “0” by the stop condition detection.
In the first place, the control bits related to the I2C bus(simplified I2C bus) interface are explained.
Bit 0 of the UART special mode register (037716) is used as the I2C mode selection bit.
Setting “1” in the I2C mode select bit (bit 0) goes the circuit to achieve the I2C bus (simplified I2C bus)
interface effective.
Table 1.14.9 shows the relation between the I2C mode select bit and respective control workings.
Since this function uses clock-synchronous serial I/O mode, set this bit to “0” in UART mode.
P70 through P72 conforming to the simplified I C bus
Selector
I/O
Timer
delay
Noize
Filter
Timer
UART2
Selector
(Port P71 output data latch)
I/O
P70/TxD2/SDA
P71/RxD2/SCL
Reception register
CLK
Internal clock
UART2
External clock
Selector
UART2
I/O
Timer
P72/CLK2
Arbitration
Start condition detection
Stop condition detection
Data bus
Falling edge
detection
D
T
Q
D
T
Q
D
T
Q
NACK
ACK
UART2
UART2
UART2
R
UART2 transmission/
NACK interrupt
request
UART2 reception/ACK
interrupt request
DMA1 request
9th pulse
IICM=1
IICM=0
IICM=1
IICM=0
IICM=1
IICM=0
IICM=0
IICM=1
IICM=0
IICM=1
IICM=1
IICM=0
Port reading
*
With IICM set to 1, the port terminal is to be readable
even if 1 is assigned to P71 of the direction register.
L-synchronous
output enabling bit
S
R Q
Bus busy
IICM=1
IICM=0
Bus collision/start, stop
condition detection
interrupt request
Bus collision
detection
Noize
Filter
Transmission
register
To DMA0, DMA1
Q
Noize
Filter
To DMA0
2
Note: P72/CLK2 is not connected to the outside.
Figure 1.14.27. Functional block diagram for I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com