Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 99 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 95Page - Renesas Technology Corp M30623SC Datasheet HTML 96Page - Renesas Technology Corp M30623SC Datasheet HTML 97Page - Renesas Technology Corp M30623SC Datasheet HTML 98Page - Renesas Technology Corp M30623SC Datasheet HTML 99Page - Renesas Technology Corp M30623SC Datasheet HTML 100Page - Renesas Technology Corp M30623SC Datasheet HTML 101Page - Renesas Technology Corp M30623SC Datasheet HTML 102Page - Renesas Technology Corp M30623SC Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 231 page
background image
Clock synchronous serial I/O mode
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
98
Table 1.14.4 lists the functions of the input/output pins during clock synchronous serial I/O mode. This
_______
table shows the pin functions when the transfer clock output from multiple pins and the separate CTS/
_______
RTS pins functions are not selected. Note that for a period from when the UARTi operation mode is
selected to when transfer starts, the TxDi pin outputs a “H”. (If the N-channel open-drain is selected, this
pin is in floating state.)
Table 1.14.4. Input/output pin functions in clock synchronous serial I/O mode
Pin name
Function
Method of selection
TxDi
(P63, P67)
Serial data output
Serial data input
Transfer clock output
Transfer clock input
Programmable I/O
port
(Outputs dummy data when performing reception only)
RxDi
(P62, P66)
CLKi
(P61, P65)
Internal/external clock select bit (bit 3 at address 03A016, 03A816) = “0”
Internal/external clock select bit (bit 3 at address 03A016, 03A816) = “1”
Port P61 and P65 direction register (bits 1 and 5 at address 03EE16) = “0”
Port P62 and P66 direction register (bits 2 and 6 at address 03EE16)= “0”
(Can be used as an input port when performing transmission only)
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16) =“0”
CTS/RTS function select bit (bit 2 at address 03A416, 03AC16) = “0”
Port P60 and P64 direction register (bits 0 and 4 at address 03EE16) = “0”
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16) = “0”
CTS/RTS function select bit (bit 2 at address 03A416, 03AC16) = “1”
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16) = “1”
CTS input
RTS output
CTSi/RTSi
(P60, P64)
_______ _______
(when transfer clock output from multiple pins and separate CTS/RTS pins functions are not selected)
Note: Clock synchronous serial I/O mode cannot be used in UART2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com