Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 41 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 37Page - Renesas Technology Corp M30623SC Datasheet HTML 38Page - Renesas Technology Corp M30623SC Datasheet HTML 39Page - Renesas Technology Corp M30623SC Datasheet HTML 40Page - Renesas Technology Corp M30623SC Datasheet HTML 41Page - Renesas Technology Corp M30623SC Datasheet HTML 42Page - Renesas Technology Corp M30623SC Datasheet HTML 43Page - Renesas Technology Corp M30623SC Datasheet HTML 44Page - Renesas Technology Corp M30623SC Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 231 page
background image
Interrupt
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
40
Table 1.10.2. Interrupts assigned to the variable vector tables and addresses of vector tables
Software interrupt number
Interrupt source
Vector table address
Address (L) to address (H)
Remarks
Cannot be masked I flag
+0 to +3 (Note 1)
BRK instruction
Software interrupt number 0
+44 to +47 (Note 1)
Software interrupt number 11
+48 to +51 (Note 1)
Software interrupt number 12
+52 to +55 (Note 1)
Software interrupt number 13
+56 to +59 (Note 1)
Software interrupt number 14
+68 to +71 (Note 1)
Software interrupt number 17
+72 to +75 (Note 1)
Software interrupt number 18
+76 to +79 (Note 1)
Software interrupt number 19
+80 to +83 (Note 1)
Software interrupt number 20
+84 to +87 (Note 1)
Software interrupt number 21
+88 to +91 (Note 1)
Software interrupt number 22
+92 to +95 (Note 1)
Software interrupt number 23
+96 to +99 (Note 1)
Software interrupt number 24
+100 to +103 (Note 1)
Software interrupt number 25
+104 to +107 (Note 1)
Software interrupt number 26
+108 to +111 (Note 1)
Software interrupt number 27
+112 to +115 (Note 1)
Software interrupt number 28
+116 to +119 (Note 1)
Software interrupt number 29
+120 to +123 (Note 1)
Software interrupt number 30
+124 to +127 (Note 1)
Software interrupt number 31
+128 to +131 (Note 1)
Software interrupt number 32
+252 to +255 (Note 1)
Software interrupt number 63
to
Note 1: Address relative to address in interrupt table register (INTB).
Note 2: When IIC mode is selected, NACK and ACK interrupts are selected.
Note 3: It is selected by interrupt request cause bit (bit 6, 7 in address 035F16 ).
Note 4: P15/INT3 to P17/INT5 do not connect to outside. INT3 to INT5 interrupt cannot
be used in M16C/62 (80-pin version) group.
Cannot be masked I flag
+40 to +43 (Note 1)
Software interrupt number 10
+60 to +63 (Note 1)
Software interrupt number 15
+64 to +67 (Note 1)
Software interrupt number 16
+20 to +23 (Note 1)
Software interrupt number 5
+24 to +27 (Note 1)
Software interrupt number 6
+28 to +31 (Note 1)
Software interrupt number 7
+32 to +35 (Note 1)
Software interrupt number 8
+16 to +19 (Note 1)
INT3
Software interrupt number 4
+36 to +39 (Note 1)
SI/O3/INT4 (Note 3, 4)
Software interrupt number 9
SI/O4/INT5 (Note 3, 4)
Timer B3
Timer B4
Timer B5
to
DMA0
DMA1
Key input interrupt
A-D
UART0 transmit
UART0 receive
UART1 transmit
UART1 receive
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
INT0
INT1
INT2
Software interrupt
Bus collision detection
UART2 transmit/NACK (Note 2)
UART2 receive/ACK (Note 2)
• Variable vector tables
The addresses in the variable vector table can be modified, according to the user’s settings. Indicate
the first address using the interrupt table register (INTB). The 256-byte area subsequent to the ad-
dress the INTB indicates becomes the area for the variable vector tables. One vector table comprises
four bytes. Set the first address of the interrupt routine in each vector table. Table 1.10.2 shows the
interrupts assigned to the variable vector tables and addresses of vector tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com