Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 113 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 109Page - Renesas Technology Corp M30623SC Datasheet HTML 110Page - Renesas Technology Corp M30623SC Datasheet HTML 111Page - Renesas Technology Corp M30623SC Datasheet HTML 112Page - Renesas Technology Corp M30623SC Datasheet HTML 113Page - Renesas Technology Corp M30623SC Datasheet HTML 114Page - Renesas Technology Corp M30623SC Datasheet HTML 115Page - Renesas Technology Corp M30623SC Datasheet HTML 116Page - Renesas Technology Corp M30623SC Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 231 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
112
(a) Function for outputting a parity error signal
With the error signal output enable bit (bit 7 of address 037D16) assigned “1”, you can output an “L”
level from the TxD2 pin when a parity error is detected. In step with this function, the generation timing
of a transmission completion interrupt changes to the detection timing of a parity error signal. Figure
1.14.23 shows the output timing of the parity error signal.
Figure 1.14.23. Output timing of the parity error signal
ST : Start bit
P : Even Parity
SP : Stop bit
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
Hi-Z
Transfer
clock
RxD2
TxD2
Receive
complete flag
“H”
“L”
“H”
“L”
“H”
“L”
“1”
• LSB first
“0”
(b) Direct format/inverse format
Connecting the SIM card allows you to switch between direct format and inverse format. If you choose
the direct format, D0 data is output from TxD2. If you choose the inverse format, D7 data is inverted
and output from TxD2.
Figure 1.14.24 shows the SIM interface format.
Figure 1.14.24. SIM interface format
P : Even parity
D0
D1
D2
D3
D4
D5
D6
D7
P
Transfer
clcck
TxD2
(direct)
TxD2
(inverse)
D7
D6
D5
D4
D3
D2
D1
D0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com