Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 112 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 108Page - Renesas Technology Corp M30623SC Datasheet HTML 109Page - Renesas Technology Corp M30623SC Datasheet HTML 110Page - Renesas Technology Corp M30623SC Datasheet HTML 111Page - Renesas Technology Corp M30623SC Datasheet HTML 112Page - Renesas Technology Corp M30623SC Datasheet HTML 113Page - Renesas Technology Corp M30623SC Datasheet HTML 114Page - Renesas Technology Corp M30623SC Datasheet HTML 115Page - Renesas Technology Corp M30623SC Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock asynchronous serial I/O (UART) mode
111
Figure 1.14.22. Typical transmit/receive timing in UART mode (used for the SIM interface)
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
“0”
“1”
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Transmit interrupt
request bit (IR)
“0”
“1”
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
Data is set in UART2 transmit buffer register
SP
A “L” level returns from TxD2 due to
the occurrence of a parity error.
The level is detected by the
interrupt routine.
The level is
detected by the
interrupt routine.
Receive enable
bit (RE)
Receive complete
flag (RI)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
RxD2
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “0”.
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Receive interrupt
request bit (IR)
“0”
“1”
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
SP
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
A “L” level returns from TxD2 due to
the occurrence of a parity error.
TxD2
Read to receive buffer
Read to receive buffer
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Signal conductor level
(Note )
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
SP
SP
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1
D2 D3
D4 D5 D6
D7
ST
P
SP
SP
TxD2
RxD2
Signal conductor level
(Note 1)
Note: Equal in waveform because TxD2 and RxD2 are connected.
Transferred from UART2 transmit buffer register to UART2 transmit register
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software
Note 1: Equal in waveform because TxD2 and RxD2 are connected.
Note 2: The transmit is started with overflow timing of BRG after having written in a value at the transmit buffer in the above timing.
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com