Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-DMLN31-13 Datasheet(PDF) 2 Page - ams-OSRAM AG

No. de pieza KT-DMLN31-13
Descripción Electrónicos  SYNIOS® P2720
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSOSRAM [ams-OSRAM AG]
Página de inicio  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DMLN31-13 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KT-DMLN31-13 Datasheet HTML 1Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 2Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 3Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 4Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
2 | Version 1.2 | 2023-01-27
SYNIOS® P2720
KT DMLN31.13
This compact LED device is part of the SYNIOS P2720 family.
Given the scalability of this product family, it provides full perfor-
mance and flexibility with just one footprint. The KT DMLN31.13
product is meant to provide superior light quality in ¼ mm² chip
size class. The higher robustness and standardized footprint
makes the LED flexible for any RGBW application.
Applications
- Access Control & Security
- Ambient Lighting
- Appliances & Tools
- Dynamic Signaling
- Factory Automation
- Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
- Static Signaling
- Transportation
Features
- Package: SMD epoxy package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 528 nm (● true green)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com