Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-DMLN31-13 Datasheet(PDF) 13 Page - ams-OSRAM AG

No. de pieza KT-DMLN31-13
Descripción Electrónicos  SYNIOS® P2720
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSOSRAM [ams-OSRAM AG]
Página de inicio  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DMLN31-13 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button KT-DMLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 10Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 11Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 12Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 13Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 14Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 15Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 16Page - ams-OSRAM AG KT-DMLN31-13 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
13 | Version 1.2 | 2023-01-27
Dimensional Drawing 8)
Further Information:
Approximate Weight:
12.0 mg
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com