Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-SERIES Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

No. de pieza DM-SERIES
Descripción Electrónicos  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DM-SERIES Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button DM-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 10Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 11Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 12Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
1DM301, 2DM301 DIMENSIONS (two-pole version shown)
2DM6 DIMENSIONS
1DM401 DIMENSIONS
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
39,88 mm
[1.57 in]
3,04 mm [0.120 in] max. full overtravel position
11,43 mm [0.45 in] free position
SR 12,7 mm
[SR 0.50 in]
Ø 8,6 mm [Ø 0.34 in]
12°
2X R 1,53 mm [2X R 0.06 in]
13,32 mm [0.525 in]
1,52 mm
[0.08 in]
1,57 mm [0.062 in]
38,1 mm [1.5 in]
5,33 mm
[0.21 in]
6X 6,4 mm [6X 0.25 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
11,17 mm
[0.44 in]
6X 4,77 mm x 0,51 mm
[6X 0.188 in x 0.02 in]
quick connect terminal
12°
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
13,45 mm
[0.53 in]
33,5 mm [1.32 in]
33,5 mm [1.32 in]
26,2 mm
[1.03 in]
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
39,88 mm
[1.57 in]
15,86 mm [0.625 in] max. full overtravel position
24,13 mm [0.95 in] free position
2X R 1,53 mm [2X R 0.06 in]
13,32 mm [0.525 in]
1,57 mm [0.062 in]
38,1 mm [1.5 in]
6X 6,4 mm [6X 0.25 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
11,17 mm
[0.44 in]
6X 4,77 mm x 0,51 mm
[6X 0.188 in x 0.02 in]
quick connect terminal
26,2 mm
[1.03 in]
R 12,7 mm
[R 0.50 in]
12°
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
33,5 mm [1.32 in]
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
12°
1,52 mm
[0.08 in]
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
31,75 mm
[1.25 in]
13,2 mm [0.52 in] max. full overtravel position
23,6 mm max. [0.93 in max.] extended position
17,8 mm [0.70 in] free position
11,7 mm [0.46 in]
Ø 8,6 mm [Ø 0.34 in]
4X R 1,53 mm [4X R 0.06 in]
13,32 mm [0.525 in]
1,52 mm [0.08 in]
1,57 mm [0.062 in]
24,64 mm
[0.97 in]
2,8 mm
[0.11 in]
2X 80°
4,82 mm
[0.19 in]
5,84 mm
[0.23 in]
23,4 mm
[0.92 in]
3X 6,4 mm [3X 0.25 in]
10,66 mm
[0.42 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
Common
terminal
Normally
closed
terminal
Normally
open
terminal
11,17 mm
[0.44 in]
3X 4,77 mm x 0,51 mm
[3X 0.188 in x 0.02 in]
quick connect terminal
1,52 mm [0.08 in]
9,7 mm
[0.38 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com