Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-SERIES Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

No. de pieza DM-SERIES
Descripción Electrónicos  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DM-SERIES Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button DM-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 10Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
2DM Series
DM409 Series
Free position
22,4 mm [0.88 in]
21,6 mm [0.85 in]
Operating position
19,6 mm ±1,0 mm
[0.770 in ±0.040 in]
18,9 mm ±1,3 mm
[0.745 in ±0.050 in]
Overtravel
10,2 mm [0.40 in]
15,0 mm [0.59 in]
Operating force
6,67 N [24 oz]
6,67 N [24 oz]
Release force
1,67 N [6 oz]
-
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Momentary
DPDT
Bullet nose Black
Black
2DM1
Pull-to-Cheat DPDT
Finger grip
Black
Black
2DM409
* Latch position 16,9 mm ± 0,76 mm (.665 in. ± .030 in.)
DP Series
DP Series
Free position
22,4 mm [0.88 in]
31,52 mm [1.242 in]
Operating position
15,1 mm ±1,5 mm
[0.595 in ±0.06 in]
28,22 mm ±1,5 mm
[1.112 in ±0.06 in]
Overtravel
9,53 mm [0.375 in]
4,44 mm [0.175 in]
Operating force
4,45 N [16 oz]
8,34 N [30 oz]
Release force
0.83 N [3 oz]
0.83 N [3 oz]
Action
Circuitry
Plunger type Plunger
color
Faceplate
color
Momentary
SPNO
Bullet nose White
White
1DP5
Momentary
SPNO
Finger grip
White
White
1DP8
DM SERIES ORDER GUIDE
DP SERIES ORDER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com