Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-SERIES Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

No. de pieza DM-SERIES
Descripción Electrónicos  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DM-SERIES Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  DM-SERIES Datasheet HTML 1Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 2Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 sensing.honeywell.com
What makes our switches better?
• The right switch at the right cost for the product performance
Series meets industries’ most common standard applications
eliminating need for product modifications
Repeatable and consistent performance for up to
one million lifecycles
DP Series meets UL 508 requirements with extended electrical
endurance for industrial applications
MICRO SWITCH™ DM | DP Series
Snap-in Panel Mount Basic Switches
MICRO SWITCH™ DM/DP basic switches are designed for a variety of applications, and known for their compact,
lightweight design and accurate repeatability. The DM/DP Series is a special application precision switch that can be
used in a variety of applications, including appliance door lights and door interlocks, as well as service panels.
The DM/DP Series snap-action switches have momentary, push-pull, and pull-to-cheat configurations. The quick-
connect terminals and snap-in, panel-mount housings provide easy installation. In addition to the standard quick-
connect terminals (4,78 mm x 0,51 mm [0.188 in x 0.020 in]), larger 6,35 mm x 0,81 mm [0.25 in x 0.032 in] quick-
connect terminals can be provided.
INDUSTRY STANDARD
VALUE • RELIABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com