Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-SERIES Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

No. de pieza DM-SERIES
Descripción Electrónicos  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DM-SERIES Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  DM-SERIES Datasheet HTML 1Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 2Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 3Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 4Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 5Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 6Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 7Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 8Page - Honeywell Solid State Electronics Center DM-SERIES Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
sensing.honeywell.com
Features
and Benefits
EASY INSTALLATION
Attractive, rugged
snap-in design allows these switches to be easily installed.
Quick-connect terminals reduce installation time.
VARIETY OF CIRCUITRIES AND OPERATING ACTIONS
DM and DP Series switches offer a choice of
momentary, push-pull, or pull-
to-cheat actions to meet equipment requirements. Circuitry options of SPDT,
DPDT, and SPNO fit a number of applications.
LONG LIFE
With a mechanical life of up to
1,000,000 operations, DM and DP Series
switches deliver repeatable and consistent performance.
WIDE OPERATING TEMPERATURE RANGE
DM and DP Series operate from
-37 °C to 82 °C [-35 °F to 180 °F] to meet
many different environmental requirements.
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Switches available with a choice of
silver or gold-alloy contacts to handle a
variety of electrical load requirements.
MEETS UL 508
DP Series meets Industrial Control Equipment’s (
UL508) requirements with
extended electrical endurance of 100,000 operations for long-life applications.
NORTH AMERICAN APPROVALS
DP: UL recognized file #E22779, CSA certified file #LR4442
DM: UL recognized file #E12252, CSA certified file #LR4442
UL 508 for industrial control equipment
Options for low energy circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com