Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462RE Datasheet(PDF) 99 Page - STMicroelectronics

No. de pieza STM32L462RE
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462RE Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32L462RE Datasheet HTML 95Page - STMicroelectronics STM32L462RE Datasheet HTML 96Page - STMicroelectronics STM32L462RE Datasheet HTML 97Page - STMicroelectronics STM32L462RE Datasheet HTML 98Page - STMicroelectronics STM32L462RE Datasheet HTML 99Page - STMicroelectronics STM32L462RE Datasheet HTML 100Page - STMicroelectronics STM32L462RE Datasheet HTML 101Page - STMicroelectronics STM32L462RE Datasheet HTML 102Page - STMicroelectronics STM32L462RE Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 198 page
background image
Table 31. Current consumption in Low-power sleep modes, Flash in power-down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(LPSleep)
Supply current
in low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
76.5
105
220
410
740
110
175
350
600
1250
µA
1 MHz
54.0
81.0
195
385
715
81.5
155
325
570
1200
400 kHz
28.0
64.5
175
370
695
60.5
130
305
555
1200
100 kHz
21.5
55.0
170
360
690
58.5
120
300
550
1200
1. Guaranteed by characterization results, unless otherwise specified.
Table 32. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
-
1.8 V
2.05
5.40
19.0
44.0
97.0
4.00
11.5
41.5
100
220
µA
2.4 V
2.10
5.45
19.0
44.5
98.5
4.05
11.5
42.0
100
225
3 V
2.05
5.55
19.5
45.0
100
4.10
12.0
43.0
105
230
3.6 V
2.05
5.65
20.0
46.5
105
2.30
12.0
44.0
105
235
IDD_ALL
(Stop 2 with
RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
2.30
5.65
19.0
44.0
97.0
4.50
12.0
42.0
100
220
µA
2.4 V
2.35
5.80
19.5
44.5
99.0
4.65
12.0
42.5
100
225
3 V
2.50
5.90
20.0
45.5
100
4.90
12.5
43.5
105
230
3.6 V
2.60
6.15
20.5
47.0
105
5.20
13.0
44.5
105
235
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
2.60
6.05
21.0
48.0
97.0
-
-
-
-
-
2.4 V
2.55
6.20
21.0
49.0
98.5
-
-
-
-
-
3 V
2.80
6.35
21.5
49.5
100
-
-
-
-
-
3.6 V
2.85
6.60
22.5
51.5
105
-
-
-
-
-
RTC clocked by LSE
quartz(2)
in low drive mode
1.8 V
2.40
5.70
19.0
44.5
98.0
-
-
-
-
-
2.4 V
2.50
5.85
19.5
45.0
99.5
-
-
-
-
-
3 V
2.60
6.00
20.0
46.0
100
-
-
-
-
-
3.6 V
2.65
6.25
20.5
47.0
105
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com