Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462RE Datasheet(PDF) 98 Page - STMicroelectronics

No. de pieza STM32L462RE
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462RE Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32L462RE Datasheet HTML 94Page - STMicroelectronics STM32L462RE Datasheet HTML 95Page - STMicroelectronics STM32L462RE Datasheet HTML 96Page - STMicroelectronics STM32L462RE Datasheet HTML 97Page - STMicroelectronics STM32L462RE Datasheet HTML 98Page - STMicroelectronics STM32L462RE Datasheet HTML 99Page - STMicroelectronics STM32L462RE Datasheet HTML 100Page - STMicroelectronics STM32L462RE Datasheet HTML 101Page - STMicroelectronics STM32L462RE Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 198 page
background image
Table 30. Current consumption in Sleep and Low-power sleep modes, Flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.700 0.730 0.830
1.00
1.35
0.80
0.90
1.05
1.30
1.90
mA
16 MHz
0.475 0.505 0.605
0.775
1.10
0.55
0.65
0.80
1.05
1.65
8 MHz
0.300 0.325 0.425
0.590
0.920
0.35
0.45
0.60
0.85
1.45
4 MHz
0.210 0.235 0.335
0.500
0.830
0.25
0.30
0.45
0.75
1.35
2 MHz
0.165 0.190 0.290
0.455
0.785
0.20
0.25
0.40
0.70
1.25
1 MHz
0.145 0.170 0.265
0.430
0.760
0.15
0.25
0.40
0.65
1.25
100 kHz 0.125 0.150 0.245
0.410
0.740
0.15
0.20
0.35
0.65
1.20
Range 1
80 MHz
2.30
2.35
2.45
2.65
3.05
2.55
2.65
2.85
3.15
3.80
72 MHz
2.10
2.15
2.25
2.45
2.80
2.35
2.40
2.60
2.90
3.55
64 MHz
1.90
1.90
2.05
2.25
2.60
2.10
2.20
2.35
2.70
3.35
48 MHz
1.40
1.40
1.55
1.75
2.15
1.60
1.65
1.85
2.15
2.80
32 MHz
0.970
1.00
1.15
1.30
1.70
1.10
1.20
1.40
1.70
2.35
24 MHz
0.765 0.800 0.920
1.10
1.50
0.90
0.95
1.15
1.45
2.10
16 MHz
0.555 0.590 0.705
0.895
1.25
0.65
0.75
0.90
1.20
1.85
IDD_ALL
(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
76.0
110
215
395
745
120
185
355
610
1250
µA
1 MHz
54.0
86.5
195
370
725
88.5
160
335
585
1250
400 kHz
39.0
70.5
175
355
710
68.5
140
320
570
1200
100 kHz
35.5
75.0
195
345
715
66.0
130
305
560
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com