Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462RE Datasheet(PDF) 95 Page - STMicroelectronics

No. de pieza STM32L462RE
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462RE Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L462RE Datasheet HTML 91Page - STMicroelectronics STM32L462RE Datasheet HTML 92Page - STMicroelectronics STM32L462RE Datasheet HTML 93Page - STMicroelectronics STM32L462RE Datasheet HTML 94Page - STMicroelectronics STM32L462RE Datasheet HTML 95Page - STMicroelectronics STM32L462RE Datasheet HTML 96Page - STMicroelectronics STM32L462RE Datasheet HTML 97Page - STMicroelectronics STM32L462RE Datasheet HTML 98Page - STMicroelectronics STM32L462RE Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 198 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.40
2.40
2.55
2.70
3.05
2.70
2.75
2.90
3.20
3.80
mA
16 MHz
1.50
1.55
1.65
1.80
2.15
1.70
1.80
1.95
2.25
2.80
8 MHz
0.820
0.850
0.950
1.10
1.45
0.95
1.00
1.15
1.45
2.00
4 MHz
0.470
0.500
0.600
0.765
1.10
0.55
0.60
0.75
1.05
1.60
2 MHz
0.295
0.325
0.420
0.585
0.915
0.35
0.40
0.55
0.85
1.40
1 MHz
0.210
0.235
0.330
0.495
0.825
0.25
0.30
0.45
0.75
1.30
100 kHz 0.130
0.155
0.250
0.415
0.750
0.15
0.25
0.35
0.65
1.25
Range 1
80 MHz
8.55
8.60
8.75
8.95
9.35
9.55
9.65
9.85
10.5
11.0
72 MHz
7.70
7.80
7.90
8.15
8.50
8.60
8.70
8.90
9.25
9.95
64 MHz
6.90
6.95
7.10
7.30
7.70
7.70
7.75
7.95
8.35
9.00
48 MHz
5.15
5.20
5.30
5.55
5.90
5.75
5.85
6.05
6.40
7.05
32 MHz
3.45
3.50
3.65
3.85
4.25
3.90
4.00
4.20
4.50
5.15
24 MHz
2.65
2.70
2.80
3.00
3.40
3.00
3.05
3.25
3.55
4.20
16 MHz
1.80
1.85
1.95
2.15
2.55
2.05
2.10
2.30
2.60
3.25
IDD_ALL
(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
220
255
360
540
895
270
330
460
760
1400
µA
1 MHz
120
155
260
440
795
165
215
370
660
1300
400 kHz
60.0
92.0
195
375
730
100
160
330
585
1250
100 kHz
36.0
62.5
165
345
695
63.0
130
305
555
1200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com