Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L462RE Datasheet(PDF) 101 Page - STMicroelectronics

No. de pieza STM32L462RE
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462RE Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L462RE Datasheet HTML 97Page - STMicroelectronics STM32L462RE Datasheet HTML 98Page - STMicroelectronics STM32L462RE Datasheet HTML 99Page - STMicroelectronics STM32L462RE Datasheet HTML 100Page - STMicroelectronics STM32L462RE Datasheet HTML 101Page - STMicroelectronics STM32L462RE Datasheet HTML 102Page - STMicroelectronics STM32L462RE Datasheet HTML 103Page - STMicroelectronics STM32L462RE Datasheet HTML 104Page - STMicroelectronics STM32L462RE Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 198 page
background image
Table 33. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 1)
Supply
current in
Stop 1 mode,
RTC disabled
-
1.8 V
9.85
29.0
100
225
430
17.0
49.5
185
395
850
µA
2.4 V
9.85
29.5
100
225
435
17.0
49.5
185
395
850
3 V
9.90
29.5
100
225
435
17.5
50.0
185
400
850
3.6 V
10.0
28.0
105
230
410
17.0
50.5
190
405
860
IDD_ALL
(Stop 1 with
RTC)
Supply
current in stop
1 mode,
RTC enabled
RTC clocked by LSI
1.8 V
10.5
29.5
100
225
430
17.5
50.0
185
395
840
µA
2.4 V
10.5
29.5
100
225
435
17.5
50.5
185
395
845
3 V
10.5
30.0
105
225
435
18.5
50.5
185
400
855
3.6 V
10.5
30.0
105
230
440
18.0
51.5
190
405
860
RTC clocked by LSE
bypassed, at 32768 Hz
1.8 V
10.0
29.5
100
225
435
-
-
-
-
-
2.4 V
10.0
29.5
100
225
435
-
-
-
-
-
3 V
10.5
30.0
105
225
440
-
-
-
-
-
3.6 V
11.0
30.5
105
230
440
-
-
-
-
-
RTC clocked by LSE quartz(2)
in low drive mode
1.8 V
10.0
29.0
99.5
220
435
-
-
-
-
-
2.4 V
10.0
29.0
99.5
220
435
-
-
-
-
-
3 V
10.0
29.0
100
220
440
-
-
-
-
-
3.6 V
10.5
29.5
100
225
440
-
-
-
-
-
IDD_ALL
(wakeup
from Stop1)
Supply
current during
wakeup from
Stop 1
Wakeup clock MSI = 48 MHz,
voltage Range 1.
See (3).
3 V
1.15
-
-
-
-
-
--
--
mA
Wakeup clock MSI = 4 MHz,
voltage Range 2.
See (3).
3 V
1.20
-
-
-
-
-
--
--
Wakeup clock HSI16 =
16 MHz, voltage Range 1.
See (3).
3 V
1.20
-
-
-
-
-
--
--
1. Guaranteed based on test during characterization, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 39: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com